전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST20CX 데이터시트(PDF) 149 Page - STMicroelectronics

부품명 ST20CX
상세설명  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20CX 데이터시트(HTML) 149 Page - STMicroelectronics

Back Button ST20CX Datasheet HTML 145Page - STMicroelectronics ST20CX Datasheet HTML 146Page - STMicroelectronics ST20CX Datasheet HTML 147Page - STMicroelectronics ST20CX Datasheet HTML 148Page - STMicroelectronics ST20CX Datasheet HTML 149Page - STMicroelectronics ST20CX Datasheet HTML 150Page - STMicroelectronics ST20CX Datasheet HTML 151Page - STMicroelectronics ST20CX Datasheet HTML 152Page - STMicroelectronics ST20CX Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 212 page
background image
roundsn
149/212
®
roundsn
round single length floating point number
Code: 26 FD
Description: Round an unpacked result of a floating point oper ation into Areg.
Rounding is performed in round-to-nearest mode, as defined b y IEEE-754. Initially the
post-normalised guardword, fractionword and exponent are in Areg, Breg, and Creg,
as left by the instruction
postnormsn. This instruction is only intended to be used in
the single length rounding code sequence immediately after
postnormsn.
Definition:
Areg
′← rounded and packed fp number
Breg
′← undefined
Creg
′← undefined
Error signals:
none
Comments:
Secondary instruction.
See also:
postnormsn unpacksn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More