전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST20CX 데이터시트(PDF) 171 Page - STMicroelectronics

부품명 ST20CX
상세설명  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20CX 데이터시트(HTML) 171 Page - STMicroelectronics

Back Button ST20CX Datasheet HTML 167Page - STMicroelectronics ST20CX Datasheet HTML 168Page - STMicroelectronics ST20CX Datasheet HTML 169Page - STMicroelectronics ST20CX Datasheet HTML 170Page - STMicroelectronics ST20CX Datasheet HTML 171Page - STMicroelectronics ST20CX Datasheet HTML 172Page - STMicroelectronics ST20CX Datasheet HTML 173Page - STMicroelectronics ST20CX Datasheet HTML 174Page - STMicroelectronics ST20CX Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 212 page
background image
stlb
171/212
®
stlb
store low priority back pointer
Code: 21 F7
Description: Store the contents of Areg into the back pointer of the low priority
queue.
This instruction has been superceded by
insertqueue and swapqueue which should
be used instead.
Definition:
ProcQueueBPtr[LowPriority]
← Areg
Error signals: none
Comments:
Secondary instruction.
See also:
insertqueue sthb sthf stlf swapqueue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More