전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST40RA166XH1 데이터시트(PDF) 30 Page - STMicroelectronics

부품명 ST40RA166XH1
상세설명  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA166XH1 데이터시트(HTML) 30 Page - STMicroelectronics

Back Button ST40RA166XH1 Datasheet HTML 26Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 27Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 28Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 29Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 30Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 31Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 32Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 33Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 94 page
background image
ADCS 7260755H
STMicroelectronics
30/94
ST40RA
6 Clock generation
5.9.7
PCI.PERF register definition.
6
Clock generation
The ST40 clock architecture has been organized to maintain compatibility across the ST40 family
and allow additional flexibility to increase system performance where required. It includes a more
diverse range of peripherals and provides low power use.
6.1
Clock domains and sources
Figure 4 shows possible clock domains for ST40RA clocks. The ST40RA implementation includes
two CLOCKGEN macros, which supply up to three independent clock domains across the chip
Each PLL may be independently programmed to produce a clock at a specific frequency which is
used to derive a series of related clocks which may be used by the system.
The clock domains mapping is shown in
Table 13. The architecture of the ST40RA CLOCKGEN
subsystem consists of two standard (ST40 family) CLOCKGEN units (CLOCKGENA and
CLOCKGENB) and a CLOCKCON block.
Figure 5 shows the architecture of the ST40RA
CLOCKGEN subsystem.
PCI.PERF
0x0080
PCI.PERF modifies the function of the PCI.
[3:0]
DLY_PERRSAMPLE
Parity error delay
Number of APP_CLOCK cycles after end of PCI that access master
should wait to see if there is a parity error
RW
4
ENB_WRITEPOST
Enable write posting in master
RW
5
ENB_STBYBYPASS
Enable standby bypass
RW
[31:6]
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94