전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST40RA166XH1 데이터시트(PDF) 36 Page - STMicroelectronics

부품명 ST40RA166XH1
상세설명  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA166XH1 데이터시트(HTML) 36 Page - STMicroelectronics

Back Button ST40RA166XH1 Datasheet HTML 32Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 33Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 34Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 35Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 36Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 37Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 38Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 39Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 94 page
background image
ADCS 7260755H
STMicroelectronics
36/94
ST40RA
6 Clock generation
6.4
Setting clock frequencies
Table 18 shows valid FRQCR ratios and the associated clock frequencies for derived clocks.
CLOCKGENA.FRQCR and
CLOCKGENB.FRQCR
ST40RA codified ratios
Clock ratios
Lower 9 bit
Available
on start up
CPU_
CLK
BUS_
CLK
PER_
CLK
CPU_
CLK
BUS_
CLK
PER_
CLK
0x000
11
1/2
1
1
1/2
0x002
1/4
1
1
1/4
0x004
1/8
1
1
1/8
0x008
MODE6
1
1/2
1/2
1
1/2
1/2
0x00A
MODE[4:5]
1/4
1
1/2
1/4
0x00C
1/2
1/8
1
1/2
1/8
0x011
2/3
1/6
1
2/3
1/6
0x013
MODE[2:3]
1
2/3
1/3
1
2/3
1/3
0x01A
MODE0
1/2
1/4
1
1/2
1/4
0x01C
1/8
1
1/2
1/8
0x023
MODE1
1
2/3
1/3
1
2/3
1/3
0x02C
1/2
1/8
1
1/2
1/8
0x048
1/2
1/2
1/4
1
1
1/2
0x04A
1/6
1
1
1/3
0x04C
1/8
1
1
1/4
0x05A
1/3
1/6
1
2/3
1/6
0x05C
0x063
MODE7
1/2
1/4
1/4
1
1/2
1/2
0x06C
1/2
1/8
1
1/2
1/4
0x091
1/3
1/3
1/6
11
1/2
0x093
0x0A3
1/6
1
1/2
1/2
0x0DA
1/4
1/4
1/8
11
1/2
0x0DC
0x0EC
1/8
1
1/2
1/2
0x123
1/4
1
1
1/2
0x16C
1/8
1
1/2
1/2
Table 18: Valid FRQCR values and their ratios



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94