| 전자부품 데이터시트 검색엔진 |
|
ST40RA166XH1 데이터시트(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST40RA166XH1 데이터시트(HTML) 32 Page - STMicroelectronics |
|
32 / 94 page ![]() ADCS 7260755H STMicroelectronics 32/94 ST40RA 6 Clock generation The sources for PCI_SS_CLK and EMI_SS_CLK, can be set using the PCI_SEL and EMI_SEL bits in the CLOCKGENB.CLK_SELCR register. See Section 6.6.1: CLOCKGENB.CLK_SELCR register on page 39. If CLOCKGEN_A13 is used as PCI_SS_CLK source then the memory bridges 6 and 7 must be enabled. If CLOCKGEN_A12 is used, then the bridges may be placed in bypass mode. This is the recommended mode of operation. If either CLOCKGEN_B12 or CLOCKGEN_A14 are used as the EMI_CLK, the memory bridges 1, 2 and 3 must be enabled. If CLOCKGEN_A12 is used, then the bridges may be placed in bypass. This is the recommended mode of operation. See Chapter 5.8: Memory bridge control on page 21. Subsystem Clock domain Target frequencies (MHz) Sourcea Ratio CPU core CPU_CLK 200 166 150 133 CLOCKGEN_A11 1 SuperHyway STBUS_CLK - 111 100 88 CLOCKGEN_A12 2/3 100 83 75 67 1/2 Peripherals PER_CLK (CPU core PCK) - 5550 44CLOCKGEN_A13 1/3 50 42 38 33 1/4 PCI bus clock PCI_BUS_CLK 33 CLOCKGEN_A21 1/16 66 CLOCKGEN_A22 1/8 25.14 CLOCKGEN_A23 1/21 Disabled CLOCKGEN_A24 - PCI subsystem PCI_SS_CLK - 111 100 88 CLOCKGEN_A12 2/3 100 83 75 67 1/2 - 5550 44CLOCKGEN_A13 1/3 50 42 38 33 1/4 Local memory interface (LMI) LMI_CLK 133 111 100 88 CLOCKGEN_A14 2/3 Reserved CLOCKGEN_B11 1 EMI subsystem EMI_CLK 50 to 100 MHz CLOCKGEN_B12 1 - 111 100 88 CLOCKGEN_A12 2/3 100 83 75 67 CLOCKGEN_A14 1/2 Table 13: Clock domains a. Clock naming: CLOCKGEN_[CLOCKGEN label][PLL number][clock number] |