전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6227Q 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 L6227Q
상세설명  DMOS dual full bridge driver with PWM current controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6227Q 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button L6227Q Datasheet HTML 2Page - STMicroelectronics L6227Q Datasheet HTML 3Page - STMicroelectronics L6227Q Datasheet HTML 4Page - STMicroelectronics L6227Q Datasheet HTML 5Page - STMicroelectronics L6227Q Datasheet HTML 6Page - STMicroelectronics L6227Q Datasheet HTML 7Page - STMicroelectronics L6227Q Datasheet HTML 8Page - STMicroelectronics L6227Q Datasheet HTML 9Page - STMicroelectronics L6227Q Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Pin connection
L6227Q
6/27
Table 4.
Pin description
N°
Pin
Type
Function
1, 21
GND
GND
Signal ground terminals.
9OUT1B
Power output Bridge B output 1.
11
RCB
RC pin
RC network pin. A parallel RC network connected between this pin and
ground sets the current controller OFF-time of the bridge B.
12
SENSEB
Power supply
Bridge B source pin. This pin must be connected to power ground through a
sensing power resistor.
13
IN1B
Logic input
Bridge B input 1
14
IN2B
Logic input
Bridge B input 2
15
VREFB
Analog input
Bridge B current controller reference voltage.
Do not leave this pin open or connect to GND.
16
ENB
Logic input (1)
Bridge B enable. LOW logic level switches OFF all power MOSFETs of bridge
B. This pin is also connected to the collector of the overcurrent and thermal
protection transistor to implement over current protection.
If not used, it has to be connected to +5 V through a resistor.
17
VBOOT
Supply
voltage
Bootstrap voltage needed for driving the upper power MOSFETs of both
bridge A and Bridge B.
19
OUT2B
Power output Bridge B output 2.
20
VSB
Power supply
Bridge B power supply voltage. It must be connected to the supply voltage
together with pin VSA.
22
VSA
Power supply
Bridge A power supply voltage. It must be connected to the supply voltage
together with pin VSB.
23
OUT2A
Power output Bridge A output 2.
24
VCP
Output
Charge pump oscillator output.
25
ENA
Logic input (1)
Bridge A enable. LOW logic level switches OFF all power MOSFETs of bridge
A. This pin is also connected to the collector of the overcurrent and thermal
protection transistor to implement over current protection.
If not used, it has to be connected to +5 V through a resistor.
26
VREFA
Analog input
Bridge A current controller reference voltage.
Do not leave this pin open or connect to GND.
27
IN1A
Logic input
Bridge A logic input 1.
28
IN2A
Logic input
Bridge A logic input 2.
29
SENSEA
Power supply
Bridge A source pin. This pin must be connected to power ground through a
sensing power resistor.
30
RCA
RC pin
RC network pin. A parallel RC network connected between this pin and
ground sets the current controller OFF-time of the bridge A.
31
OUT1A
Power output Bridge A output 1.
1.
Also connected at the output drain of the over current and thermal protection MOSFET. Therefore, it has to be driven
putting in series a resistor with a value in the range of 2.2 k
Ω - 180 kΩ, recommended 100 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com