전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6227Q 데이터시트(PDF) 22 Page - STMicroelectronics

부품명 L6227Q
상세설명  DMOS dual full bridge driver with PWM current controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6227Q 데이터시트(HTML) 22 Page - STMicroelectronics

Back Button L6227Q Datasheet HTML 18Page - STMicroelectronics L6227Q Datasheet HTML 19Page - STMicroelectronics L6227Q Datasheet HTML 20Page - STMicroelectronics L6227Q Datasheet HTML 21Page - STMicroelectronics L6227Q Datasheet HTML 22Page - STMicroelectronics L6227Q Datasheet HTML 23Page - STMicroelectronics L6227Q Datasheet HTML 24Page - STMicroelectronics L6227Q Datasheet HTML 25Page - STMicroelectronics L6227Q Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Thermal management
L6227Q
22/27
7
Thermal management
In most applications the power dissipation in the IC is the main factor that sets the maximum
current that can be delivered by the device in a safe operating condition. Therefore, it has to
be taken into account very carefully. Besides the available space on the PCB, the right
package should be chosen considering the power dissipation. Heat sinking can be achieved
using copper on the PCB with proper area and thickness. For instance, using a VFQFPN32L
5x5 package the typical Rth(JA) is about 22 °C/W when mounted on a double-layer FR4
PCB with a dissipating copper surface of 0.5 cm2 on the top side plus 6 cm2 ground layer
connected through 18 via holes (9 below the IC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27