전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6227Q 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 L6227Q
상세설명  DMOS dual full bridge driver with PWM current controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6227Q 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button L6227Q Datasheet HTML 6Page - STMicroelectronics L6227Q Datasheet HTML 7Page - STMicroelectronics L6227Q Datasheet HTML 8Page - STMicroelectronics L6227Q Datasheet HTML 9Page - STMicroelectronics L6227Q Datasheet HTML 10Page - STMicroelectronics L6227Q Datasheet HTML 11Page - STMicroelectronics L6227Q Datasheet HTML 12Page - STMicroelectronics L6227Q Datasheet HTML 13Page - STMicroelectronics L6227Q Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Circuit description
L6227Q
10/27
4
Circuit description
4.1
Power stages and charge pump
The L6227Q integrates two independent power MOS Full Bridges. Each power MOS has an
RDS(on) = 0.73 Ω (typical value @ 25 °C), with intrinsic fast freewheeling diode. Cross
conduction protection is achieved using a dead time (td = 1
µs typical) between the switch
off and switch on of two power MOS in one leg of a bridge.
Using N-channel power MOS for the upper transistors in the bridge requires a gate drive
voltage above the power supply voltage. The bootstrapped (VBOOT) supply is obtained
through an internal oscillator and few external components to realize a charge pump circuit
as shown in Figure 5. The oscillator output (VCP) is a square wave at 600 kHz (typical) with
10 V amplitude. Recommended values/part numbers for the charge pump circuit are shown
in Table 6.
Figure 5.
Charge pump circuit
Table 6.
Charge pump external components values
Component
Value
CBOOT
220 nF
CP
10 nF
D1
1N4148
D2
1N4148
D2
CBOOT
D1
CP
VS
VSA
VCP
VBOOT
VSB
D01IN1328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com