전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EMC646SP16K 데이터시트(PDF) 8 Page - Emerging Memory & Logic Solutions Inc

부품명 EMC646SP16K
상세설명  4Mx16 bit CellularRAM AD-MUX
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EMLSI [Emerging Memory & Logic Solutions Inc]
홈페이지  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC646SP16K 데이터시트(HTML) 8 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC646SP16K Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EMC646SP16K Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EMC646SP16K Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EMC646SP16K Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMC646SP16K Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMC646SP16K Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EMC646SP16K Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EMC646SP16K Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc EMC646SP16K Datasheet HTML 12Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
EMC646SP16K
4Mx16 CellularRAM AD-MUX
8
Preliminary
Table 2: BUS OPERATIONS
Note:
1. With burst mode enabled, CLK must be static(HIGH or LOW) during asynchronous READs and asynchronous WRITEs and to achieve standby power
during standby mode.
2. The WAIT polarity is configured through the bus configuration register (BCR[10]).
3. When LB# and UB# are in select mode (LOW), DQ[15:0] are enabled. When only LB# is in select mode, DQ[7:0] are enabled. When only UB# is
in the select mode, DQ[15:8] are enabled.
4. The device will consume active power in this mode whenever addresses are changed.
5. When the device is in standby mode, address inputs and data inputs/outputs are internally isolated from any external influence.
6. VIN = VCCQ or 0V; all device pins must be static (unswitched) in order to achieve standby current.
7. When the BCR is configured for sync mode, sync READ and WRITE, and async WRITE are supported by EMLSI
8. Burst mode operation is initialized through the bus configuration register (BCR[15]).
9. Initial cycle. Following cycles are the same as BURST CONTINUE. CE# must stay LOW for the equivalent of a single-word burst (as indicated
by WAIT).
Asynchfonous Mode
BCR[15]=1
Power
CLK
ADV#
CE#
OE#
WE#
CRE
UB#/
LB#
WAIT2
DQ[15:0]
Notes
Read
Active
X
L
L
H
L
L
Low-z
Data out
4
Write
Active
X
L
X
L
L
L
High-z
Data in
4
Standby
Standby
H or L
X
H
X
X
L
X
High-z
High-z
5, 6
No operation
Idle
X
X
L
X
X
L
X
Low-z
X
4, 6
Configuration register
write
Active
X
L
H
L
H
X
Low-z
High-z
Configuration register
read
Active
X
L
L
H
H
L
Low-z
Config.
Reg.out
Burst Mode
BCR[15]=0
Power
CLK
ADV#
CE#
OE#
WE#
CRE
UB#/
LB#
WAIT
DQ[15:0]
Notes
Async read
Active
H or L
L
L
H
L
L
Low-z
Data out
4, 7
Async write
Active
H or L
L
X
L
L
L
Low-z
Data in
4
Standby
Standby
H or L
X
H
X
X
L
X
High-z
High-z
5, 6
No operation
Idle
H or L
X
L
X
X
L
X
Low-z
X
4, 6
Initial burst read
Active
L
L
X
H
L
L
Low-z
Address
4, 8
Initial burst write
Active
L
L
H
L
L
X
Low-z
Address
4, 8
Burst continue
Active
H
L
X
X
X
L
Low-z
Data out
or
Data in
4, 8
Configuration register
write
Active
L
L
H
L
H
X
Low-z
High-z
8, 9
Configuration register
read
Active
L
L
L
H
H
L
Low-z
Config.
Reg.out
8, 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com