| 전자부품 데이터시트 검색엔진 |
|
C167CS 데이터시트(PDF) 47 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C167CS 데이터시트(HTML) 47 Page - Infineon Technologies AG |
|
47 / 517 page ![]() C167CS Derivatives Memory Organization User’s Manual 3-10 V2.0, 2000-07 XRAM Access via External Masters In X-Peripheral Share mode (bit XPER-SHARE in register SYSCON is set) the on-chip XRAM of the C167CS can be accessed by an external master during hold mode via the C167CS’s bus interface. These external accesses must use the same configuration as internally programmed (see above). No waitstates are required. In X-Peripheral Share mode the C167CS bus interface reverses its direction, i.e. address lines (PORT1, Port 4), control signals (RD, WR), and BHE must be driven by the external master. Note: The configuration in register SYSCON cannot be changed after the execution of the EINIT instruction. |