| 전자부품 데이터시트 검색엔진 |
|
C167CS 데이터시트(PDF) 55 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C167CS 데이터시트(HTML) 55 Page - Infineon Technologies AG |
|
55 / 517 page ![]() C167CS Derivatives The Central Processing Unit (CPU) User’s Manual 4-5 V2.0, 2000-07 If a conditional branch is not taken, there is no deviation from the sequential program flow, and thus no extra time is required. In this case the instruction after the branch instruction will enter the decode stage of the pipeline at the beginning of the next machine cycle after decode of the conditional branch instruction. Cache Jump Instruction Processing The C167CS incorporates a jump cache to optimize conditional jumps, which are processed repeatedly within a loop. Whenever a jump on cache is taken, the extra time to fetch the branch target instruction can be saved and thus the corresponding cache jump instruction in most cases takes only one machine cycle. This performance is achieved by the following mechanism: Whenever a cache jump instruction passes through the decode stage of the pipeline for the first time (and provided that the jump condition is met), the jump target instruction is fetched as usual, causing a time delay of one machine cycle. In contrast to standard branch instructions, however, the target instruction of a cache jump instruction (JMPA, JMPR, JB, JBC, JNB, JNBS) is additionally stored in the cache after having been fetched. After each repeatedly following execution of the same cache jump instruction, the jump target instruction is not fetched from program memory but taken from the cache and immediately injected into the decode stage of the pipeline (see Figure 4-4). A time saving jump on cache is always taken after the second and any further occurrence of the same cache jump instruction, unless an instruction which, has the fundamental capability of changing the CSP register contents (JMPS, CALLS, RETS, TRAP, RETI), or any standard interrupt has been processed during the period of time between two following occurrences of the same cache jump instruction. Figure 4-4 Cache Jump Instruction Pipelining MCT04329 FETCH DECODE EXECUTE WRITEBACK I n+2 I TARGET ( I INJECT) 1 Machine Cycle 1st Loop Iteration Cache Jmp I n ... I TARGET+1 I TARGET Injection ( I INJECT) Cache Jmp Cache Jmp I n+2 I TARGET+1 Repeated Loop Iteration Cache Jmp I n ... I TARGET+2 I TARGET+1 Injection of Cached Target Instruction Cache Jmp Cache Jmp I TARGET I n I TARGET I n |