전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESDALC6V1M6 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 ESDALC6V1M6
상세설명  4- and 5-line low capacitance Transil arrays for ESD protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1M6 데이터시트(HTML) 1 Page - STMicroelectronics

  ESDALC6V1M6 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1M6 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1M6 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1M6 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1M6 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1M6 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1M6 Datasheet HTML 7Page - STMicroelectronics ESDALC6V1M6 Datasheet HTML 8Page - STMicroelectronics ESDALC6V1M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
February 2008
Rev 5
1/11
11
ESDALC6V1M6, ESDALC6V1-5M6
4- and 5-line low capacitance Transil™ arrays for ESD protection
Features
■ High ESD protection level
■ High integration
■ Suitable for high density boards
■ 4 unidirectional Transil diodes
(ESDALC6V1M6)
■ 5 unidirectional Transil diodes
(ESDALC6V1-5M6)
■ Breakdown Voltage VBR = 6.1 V min
■ Low diode capacitance (12 pF typ at 0 V)
■ Low leakage current < 70 nA
■ Very small PCB area: 1.45 mm²
■ 500 microns pitch
■ Lead-free package
Complies with the following standards
■ IEC 61000-4-2
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ MIL STD 883G- Method 3015-7: class3B
– >8 kV (human body model)
Applications
Where transient overvoltage protection in ESD
sensitive equipment is required, such as:
■ Computers
■ Printers
■ Communication systems
■ Cellular phone handsets and accessories
■ Video equipment
Figure 1.
Functional diagram
Description
The ESDALC6V1xxM6 are monolithic arrays
designed to protect up to 4 or 5 lines against ESD
transients.
The device is ideal for applications where both
reduced print circuit board space and power
absorption capability are required.
TM: Transil is a trademark of STMicroelectronics
Micro QFN package
I/O1
I/O1
6
6
4
4
I/O5
I/O5
I/O3
I/O3
5
5
GND
GND
3
3
2
2
1
1
I/O2
I/O2
GND
I/O4
ESDALC6V1M6
ESDALC6V1-5M6
www.st.com


유사한 부품 번호 - ESDALC6V1M6

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ESDALC6V1M6 STMICROELECTRONICS-ESDALC6V1M6 Datasheet
179Kb / 8P
4 and 5 line low capacitance TRANSIL array for ESD protection
21-Dec-2005
More results

유사한 설명 - ESDALC6V1M6

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ESDALC6V1M6 STMICROELECTRONICS-ESDALC6V1M6 Datasheet
179Kb / 8P
4 and 5 line low capacitance TRANSIL array for ESD protection
21-Dec-2005
ESDALC6V1-1BT2 STMICROELECTRONICS-ESDALC6V1-1BT2 Datasheet
45Kb / 3P
Single line low capacitance TRANSIL??for ESD protection
15-Nov-2006
ESDA6V1M6 STMICROELECTRONICS-ESDA6V1M6 Datasheet
237Kb / 11P
4- and 5-line Transil??arrays for ESD protection
18-Feb-2008
ESDALC6V1PX STMICROELECTRONICS-ESDALC6V1PX_08 Datasheet
233Kb / 9P
Low capacitance Transil??arrays for ESD protection
23-Apr-2008
ESDALC6V1-1BM2 STMICROELECTRONICS-ESDALC6V1-1BM2_08 Datasheet
178Kb / 10P
Single line low capacitance Transil for ESD protection
01-Apr-2007
ESDALC6V1-1M2 STMICROELECTRONICS-ESDALC6V1-1M2 Datasheet
147Kb / 10P
Single line low capacitance Transil for ESD protection
26-Nov-2007
ESDAVLC8-1BM2 STMICROELECTRONICS-ESDAVLC8-1BM2 Datasheet
206Kb / 13P
Single line low capacitance Transil for ESD protection
22-Jan-2010
ESDALC14V2-1U2 STMICROELECTRONICS-ESDALC14V2-1U2 Datasheet
283Kb / 11P
Single-line low capacitance Transil??for ESD protection
23-Sep-2011
ESDALC6V1-5T6 STMICROELECTRONICS-ESDALC6V1-5T6 Datasheet
161Kb / 11P
Low capacitance Transil arrays for ESD protection
ESDAVLC6-1V2 STMICROELECTRONICS-ESDAVLC6-1V2 Datasheet
289Kb / 8P
Single line low capacitance Transil™ for ESD protection
05-Jun-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com