전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LRIS2K-MBTG 데이터시트(PDF) 29 Page - STMicroelectronics

부품명 LRIS2K-MBTG
상세설명  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K-MBTG 데이터시트(HTML) 29 Page - STMicroelectronics

Back Button LRIS2K-MBTG Datasheet HTML 25Page - STMicroelectronics LRIS2K-MBTG Datasheet HTML 26Page - STMicroelectronics LRIS2K-MBTG Datasheet HTML 27Page - STMicroelectronics LRIS2K-MBTG Datasheet HTML 28Page - STMicroelectronics LRIS2K-MBTG Datasheet HTML 29Page - STMicroelectronics LRIS2K-MBTG Datasheet HTML 30Page - STMicroelectronics LRIS2K-MBTG Datasheet HTML 31Page - STMicroelectronics LRIS2K-MBTG Datasheet HTML 32Page - STMicroelectronics LRIS2K-MBTG Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 102 page
background image
LRIS2K
Bit representation and coding
29/102
7.2
Bit coding using two subcarriers
7.3
High data rate
A logic 0 starts with 8 pulses at 423.75 kHz (fC/32) followed by 9 pulses at 484.28 kHz
(fC/28) as shown in Figure 20. For the Fast commands, the x2 mode is not available.
Figure 20.
Logic 0, high data rate
A logic 1 starts with 9 pulses at 484.28 kHz (fC/28) followed by 8 pulses at 423.75 kHz
(fC/32) as shown in Figure 21. For the Fast commands, the x2 mode is not available.
Figure 21.
Logic 1, high data rate
7.4
Low data rate
A logic 0 starts with 32 pulses at 423.75 kHz (fC/32) followed by 36 pulses at 484.28 kHz
(fC/28) as shown in Figure 22. For the Fast commands, the x2 mode is not available.
Figure 22.
Logic 0, low data rate
A logic 1 starts with 36 pulses at 484.28 kHz (fC/28) followed by 32 pulses at 423.75 kHz
(fC/32) as shown in Figure 23. For the Fast commands, the x2 mode is not available.
Figure 23.
Logic 1, low data rate
37.46µs
ai12074
37.46µs
ai12073
149.84µs
ai12072
149.84µs
ai12075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More