| 전자부품 데이터시트 검색엔진 |
|
LRIS2K-MBTG 데이터시트(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LRIS2K-MBTG 데이터시트(HTML) 30 Page - STMicroelectronics |
|
30 / 102 page ![]() LRIS2K to VCD frames LRIS2K 30/102 8 LRIS2K to VCD frames Frames are delimited by an SOF and an EOF. They are implemented using code violation. Unused options are reserved for future use. For the low data rate, the same subcarrier frequency or frequencies is/are used. In this case the number of pulses is multiplied by 4. For the Fast commands using one subcarrier, all pulse numbers and times are divided by 2. 8.1 SOF when using one subcarrier 8.2 High data rate The SOF includes an unmodulated time of 56.64 µs, followed by 24 pulses at 423.75 kHz (fC/32), and a logic 1 that consists of an unmodulated time of 18.88 µs followed by 8 pulses at 423.75 kHz as shown in Figure 24. Figure 24. Start of frame, high data rate, one subcarrier For the Fast commands, the SOF comprises an unmodulated time of 28.32 µs, followed by 12 pulses at 423.75 kHz (fC/32), and a logic 1 that consists of an unmodulated time of 9.44µs followed by 4 pulses at 423.75 kHz as shown in Figure 25. Figure 25. Start of frame, high data rate, one subcarrier x2 113.28µs ai12078 37.76µs 56.64µs ai12079 18.88µs |