| 전자부품 데이터시트 검색엔진 |
|
LRIS2K-MBTG 데이터시트(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LRIS2K-MBTG 데이터시트(HTML) 35 Page - STMicroelectronics |
|
35 / 102 page ![]() LRIS2K Unique identifier (UID) 35/102 9 Unique identifier (UID) The LRIS2Ks are uniquely identified by a 64-bit Unique Identifier (UID). This UID complies with ISO/IEC 15963 and ISO/IEC 7816-6. The UID is a read-only code and comprises: ● 8 MSBs with a value of E0h ● The IC Manufacturer code of ST 02h, on 8 bits (ISO/IEC 7816-6/AM1) ● a Unique Serial Number on 48 bits With the UID each LRIS2K can be addressed uniquely and individually during the anticollision loop and for one-to-one exchanges between a VCD and an LRIS2K. Table 12. UID format MSB LSB 63 56 55 48 47 0 0xE0 0x02 Unique serial number |