전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSC7119 데이터시트(PDF) 36 Page - Freescale Semiconductor, Inc

부품명 MSC7119
상세설명  Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7119 데이터시트(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MSC7119_08 Datasheet HTML 32Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 34Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 35Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 36Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 37Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 38Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 39Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
MSC7119 Data Sheet, Rev. 8
Freescale Semiconductor
36
2.5.8
I2C Timing
Table 26. I2C Timing
No.
Characteristic
Fast
Unit
Min
Max
450
SCL clock frequency
0
400
kHz
451
Hold time START condition
(SCL clock period/2) – 0.3
—
μs
452
SCL low period
(SCL clock period/2) – 0.3
—
μs
453
SCL high period
(SCL clock period/2) – 0.1
—
μs
454
Repeated START set-up time (not shown in figure)
2
× 1/FBCK
—
μs
455
Data hold time
0
—
μs
456
Data set-up time
250
—
ns
457
SDA and SCL rise time
—
700
ns
458
SDA and SCL fall time
—
300
ns
459
Set-up time for STOP
(SCL clock period/2) – 0.7
—
μs
460
Bus free time between STOP and START
(SCL clock period/2) – 0.3
—
μs
Note:
SDA set-up time is referenced to the rising edge of SCL. SDA hold time is referenced to the falling edge of SCL. Load capacitance
on SDA and SCL is 400 pF.
Figure 20. I2C Timing Diagram
SCL
SDA
Data Byte
Start Condition
Stop Condition
A
C
K
78
9
456
1
2
3
Start Condition
458
458
457
457
460
459
451
452
453
SCL
SDA
Data Byte
Start Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com