전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSC7119 데이터시트(PDF) 46 Page - Freescale Semiconductor, Inc

부품명 MSC7119
상세설명  Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7119 데이터시트(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MSC7119_08 Datasheet HTML 42Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 43Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 44Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 45Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 46Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 47Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 48Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 49Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
MSC7119 Data Sheet, Rev. 8
Hardware Design Considerations
Freescale Semiconductor
46
3.2.2.4
Case 4
The power-up sequence is as follows:
1.
Turn on the VDDIO (3.3 V) supply first.
2.
Turn on the VDDC (1.2 V), VDDM (2.5 V), and VREF (1.25 V) supplies simultaneously (second).
Note:
Make sure that the time interval between the ramp-up of VDDIO and VDDC is less than 10 ms.
The power-down sequence is as follows:
1.
Turn off the VDDC (1.2 V), VREF (1.25 V), and VDDM (2.5 V) supplies simultaneously (first).
2.
Turn of the VDDIO (3.3 V) supply last.
Use the following guidelines:
•
Make sure that the time interval between the ramp-up or ramp-down time for VDDC and VDDM is less than 10 ms for
power-up and power-down.
•
Refer to Figure 33 for relative timing for Case 4.
Figure 33. Voltage Sequencing Case 4
Time
Ramp-down
Ramp-up
VDDIO = 3.3 V
VDDM = 2.5 V
VDDC = 1.2 V
VREF = 1.25 V
<10 ms
<10 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com