전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSC7119 데이터시트(PDF) 44 Page - Freescale Semiconductor, Inc

부품명 MSC7119
상세설명  Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7119 데이터시트(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MSC7119_08 Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 41Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 42Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 43Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 44Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 45Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 46Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 47Page - Freescale Semiconductor, Inc MSC7119_08 Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
MSC7119 Data Sheet, Rev. 8
Hardware Design Considerations
Freescale Semiconductor
44
3.2.2.2
Case 2
The power-up sequence is as follows:
1.
Turn on the VDDIO (3.3 V) supply first.
2.
Turn on the VDDC (1.2 V) and VDDM (2.5 V) supplies simultaneously (second).
3.
Turn on the VREF (1.25 V) supply last (third).
Note:
Make sure that the time interval between the ramp-up of VDDIO and VDDC/VDDM is less than 10 ms.
The power-down sequence is as follows:
1.
Turn off the VREF (1.25 V) supply first.
2.
Turn off the VDDM (2.5 V) supply second.
3.
Turn off the VDDC (1.2 V) supply third.
4.
Turn of the VDDIO (3.3 V) supply fourth (last).
Use the following guidelines:
•
Make sure that the time interval between the ramp-down for VDDIO and VDDC is less than 10 ms.
•
Make sure that the time interval between the ramp-up or ramp-down for VDDC and VDDM is less than 10 ms for
power-up and power-down.
•
Refer to Figure 31 for relative timing for Case 2.
Figure 31. Voltage Sequencing Case 2
Time
Ramp-down
Ramp-up
VDDIO = 3.3 V
VDDM = 2.5 V
VDDC = 1.2 V
VREF = 1.25 V
<10 ms
<10 ms
<10 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com