| 전자부품 데이터시트 검색엔진 |
|
M16C/29 데이터시트(PDF) 336 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/29 데이터시트(HTML) 336 Page - Renesas Technology Corp |
|
336 / 499 page ![]() 17. CAN Module p u o r G 9 2 / C 6 1 M page 312 8 5 4 f o 7 0 0 2 , 0 3 .r a M 2 1 . 1 . v e R 2 1 1 0 - 1 0 1 0 B 9 0 J E R 17.11 CAN Interrupts The CAN module provides the following CAN interrupts. • CAN0 Successful Reception Interrupt • CAN0 Successful Transmission Interrupt • CAN0 Error Interrupt Error Passive State Error BusOff State Bus Error (this feature can be disabled separately) • CAN0 Wake-up Interrupt When the CPU detects the CAN0 successful reception/transmission interrupt request, the MBOX bit in the C0STR register must be read to determine which slot has generated the interrupt request. |