| 전자부품 데이터시트 검색엔진 |
|
HD6432351 데이터시트(PDF) 867 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432351 데이터시트(HTML) 867 Page - Renesas Technology Corp |
|
867 / 1025 page ![]() Appendix B Internal I/O Register Rev. 3.00 Sep 15, 2006 page 833 of 988 REJ09B0330-0300 TIOR5—Timer I/O Control Register 5 H'FEA2 TPU5 7 IOB3 0 R/W 6 IOB2 0 R/W 5 IOB1 0 R/W 4 IOB0 0 R/W 3 IOA3 0 R/W 0 IOA0 0 R/W 2 IOA2 0 R/W 1 IOA1 0 R/W Bit Initial value Read/Write : : : 0 1 TGR5B I/O Control 0 1 * 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 * 0 1 TGR5A is output compare register TGR5A I/O Control 0 1 * 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 * Output disabled 0 output at compare match 1 output at compare match Toggle output at compare match TGR5A is input capture register Initial output is 0 output Output disabled 0 output at compare match 1 output at compare match Toggle output at compare match Initial output is 1 output Input capture at rising edge Input capture at falling edge Input capture at both edges Capture input source is TIOCA5 pin TGR5B is output compare register Output disabled 0 output at compare match 1 output at compare match Toggle output at compare match TGR5B is input capture register Initial output is 0 output Output disabled 0 output at compare match 1 output at compare match Toggle output at compare match Initial output is 1 output Input capture at rising edge Input capture at falling edge Input capture at both edges Capture input source is TIOCB5 pin Legend: *: Don’t care Legend: *: Don’t care |