| 전자부품 데이터시트 검색엔진 |
|
HD6432351 데이터시트(PDF) 874 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432351 데이터시트(HTML) 874 Page - Renesas Technology Corp |
|
874 / 1025 page ![]() Appendix B Internal I/O Register Rev. 3.00 Sep 15, 2006 page 840 of 988 REJ09B0330-0300 PFDDR—Port F Data Direction Register H'FEBE Port F 7 PF7DDR 1 W 0 W 6 PF6DDR 0 W 0 W 5 PF5DDR 0 W 0 W 4 PF4DDR 0 W 0 W 3 PF3DDR 0 W 0 W 0 PF0DDR 0 W 0 W 2 PF2DDR 0 W 0 W 1 PF1DDR 0 W 0 W Specify input or output for individual port F pins Bit Modes 1, 2, 4 to 6 Initial value Read/Write Modes 3, 7 Initial value Read/Write : : : : : PGDDR—Port G Data Direction Register H'FEBF Port G 7 — Undefined — Undefined — 6 — Undefined — Undefined — 5 — Undefined — Undefined — 4 PG4DDR 1 W 0 W 3 PG3DDR 0 W 0 W 0 PG0DDR 0 W 0 W 2 PG2DDR 0 W 0 W 1 PG1DDR 0 W 0 W Specify input or output for individual port G pins Bit Modes 1, 4, 5 Initial value Read/Write Modes 2, 3, 6, 7 Initial value Read/Write : : : : : |