| 전자부품 데이터시트 검색엔진 |
|
H8SX/1663R 데이터시트(PDF) 626 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663R 데이터시트(HTML) 626 Page - Renesas Technology Corp |
|
626 / 1504 page ![]() Section 12 Data Transfer Controller (DTC) Rev. 2.00 Sep. 24, 2008 Page 594 of 1468 REJ09B0412-0200 12.9.9 Points for Caution when Overwriting DTCER When overwriting of the DTC-transfer enable register (DTCER) and the generation of an interrupt that is a source for DTC activation are in competition, activation of the DTC and interrupt exception processing by the CPU will both proceed at the same time. Depending on the conditions at this time, doubling of interrupts may occur. If there is a possibility of competition between overwriting of the DTCER and generation of an interrupt that is a source for DTC activation, proceed with overwriting of the DTCER according to the relevant procedure given below. END END In the case of interrupt-control mode 0 Back-up the value of the CCR. Set the interrupt-mask bit to 1 (corresponding bit = 1 in the CCR). Overwrite the DTCER. Dummy-read the DTCER. Restore the original value of the interrupt-mask bit. In the case of interrupt-control mode 2 Back-up the value of the EXR. Set the interrupt-request masking level to 7 (in the EXR, I2, I1, I0 = b'111). Overwrite the DTCER. Dummy-read the DTCER. Restore the original value of the interrupt-request masking level. Interrupts are masked Figure 12.17 Example of Procedures for Overwriting the DTCER |