| 전자부품 데이터시트 검색엔진 |
|
H8SX/1663R 데이터시트(PDF) 627 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663R 데이터시트(HTML) 627 Page - Renesas Technology Corp |
|
627 / 1504 page ![]() Section 13 I/O Ports Rev. 2.00 Sep. 24, 2008 Page 595 of 1468 REJ09B0412-0200 Section 13 I/O Ports Table 13.1 summarizes the port functions. The pins of each port also have other functions such as input/output pins of on-chip peripheral modules or external interrupt input pins. Each I/O port includes a data direction register (DDR) that controls input/output, a data register (DR) that stores output data, a port register (PORT) used to read the pin states, and an input buffer control register (ICR) that controls input buffer on/off. Port 5 does not have a DR or a DDR register. Ports D to F, H to K have internal input pull-up MOSs and a pull-up MOS control register (PCR) that controls the on/off state of the input pull-up MOSs. Ports 2 and F include an open-drain control register (ODR) that controls on/off of the output buffer PMOSs. All of the I/O ports can drive a single TTL load and capacitive loads up to 30 pF. All of the I/O ports can drive Darlington transistors when functioning as output ports. Port 2, 3, J and K are Schmitt-trigger input. Schmitt-trigger inputs for other ports are enabled when used as the IRQ, TPU, TMR, or IIC2 input. Table 13.1 Port Functions Function Port Description Bit I/O Input Output Schmitt- Trigger Input* 1 Input Pull-up MOS Function Open- Drain Output Function 7 P17/SCL0 IRQ7-A/ TCLKD-B/ ADTRG1 EDRAK1 IRQ7-A, TCLKD-B, SCL0 6 P16/SDA0 IRQ6-A/ TCLKC-B DACK1-A/ EDACK1-A IRQ6-A, TCLKC-B, SDA0 5 P15/SCL1 IRQ5-A/ TCLKB-B/ RxD5/ IrRXD TEND1-A/ ETEND1-A IRQ5-A, TCLKB-B, SCL1 4 P14/SDA1 DREQ1-A/ IRQ4-A/ TCLKA-B/ EDREQ1-A TxD5/ IrTxD IRQ4-A, TCLKA-B, SDA1 Port 1 General I/O port also functioning as interrupt inputs, SCI I/Os, DMAC I/Os, EXDMAC I/Os, A/D converter inputs, TPU inputs, and IIC2 I/Os 3 P13 ADTRG0-A/ IRQ3-A EDRAK0 IRQ3-A |