| 전자부품 데이터시트 검색엔진 |
|
R8C/15 데이터시트(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/15 데이터시트(HTML) 13 Page - Renesas Technology Corp |
|
13 / 277 page ![]() Rev.2.10 Jan 19, 2006 Page 1 of 253 REJ09B0164-0210 R8C/14 Group, R8C/15 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1. Overview This MCU is built using the high-performance silicon gate CMOS process using a R8C/Tiny Series CPU core and is packaged in a 20-pin plastic molded LSSOP. This MCU operates using sophisticated instructions featuring a high level of instruction efficiency. With 1 Mbyte of address space, it is capable of executing instructions at high speed. Furthermore, the data flash ROM (1KB × 2blocks) is embedded in the R8C/15 group. The difference between R8C/14 and R8C/15 groups is only the existence of the data flash ROM. Their peripheral functions are the same. 1.1 Applications Electric household appliance, office equipment, housing equipment (sensor, security), general industrial equipment, audio, etc. REJ09B0164-0210 Rev.2.10 Jan 19, 2006 |