| 전자부품 데이터시트 검색엔진 |
|
4513 데이터시트(PDF) 12 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4513 데이터시트(HTML) 12 Page - Renesas Technology Corp |
|
12 / 210 page ![]() 4513/4514 Group User’s Manual vii List of tables CHAPTER 1 HARDWARE Table Selection of system clock ................................................................................................ 1-11 Table 1 ROM size and pages .................................................................................................... 1-20 Table 2 RAM size ........................................................................................................................ 1-21 Table 3 Interrupt sources ............................................................................................................ 1-22 Table 4 Interrupt request flag, interrupt enable bit and skip instruction.............................. 1-22 Table 5 Interrupt enable bit function ......................................................................................... 1-22 Table 6 Interrupt control registers ............................................................................................. 1-24 Table 7 External interrupt activated conditions........................................................................ 1-26 Table 8 External interrupt control registers .............................................................................. 1-28 Table 9 Function related timers ................................................................................................. 1-30 Table 10 Timer control registers ................................................................................................ 1-32 Table 11 Serial I/O pins .............................................................................................................. 1-36 Table 12 Serial I/O mode register ............................................................................................. 1-36 Table 13 Processing sequence of data transfer from master to slave ................................ 1-40 Table 14 A-D converter characteristics ..................................................................................... 1-41 Table 15 A-D control registers ................................................................................................... 1-42 Table 16 Change of successive comparison register AD during A-D conversion .............. 1-43 Table 17 Voltage comparator characteristics ........................................................................... 1-47 Table 18 Voltage comparator control register Q3 ................................................................... 1-48 Table 19 Port state at reset ....................................................................................................... 1-50 Table 20 Functions and states retained at RAM back-up ..................................................... 1-53 Table 21 Return source and return condition .......................................................................... 1-54 Table 22 Key-on wakeup control register, pull-up control register, and interrupt control . 1-56 Table 23 Clock control register MR .......................................................................................... 1-57 Table 24 Maximum value of external clock oscillation frequency ......................................... 1-58 Table 25 Product of built-in PROM version ............................................................................. 1-88 Table 26 Programming adapters ................................................................................................ 1-89 CHAPTER 2 APPLICATION Table 2.1.1 Pull-up control register PU0 .................................................................................... 2-4 Table 2.1.2 Key-on wakeup control register K0 ........................................................................ 2-5 Table 2.1.3 A-D control register Q2 ............................................................................................ 2-5 Table 2.1.4 Direction register FR0 .............................................................................................. 2-6 Table 2.1.5 Timer control register W6 ........................................................................................ 2-6 Table 2.1.6 connections of unused pins ................................................................................... 2-10 Table 2.2.1 Interrupt control register V1................................................................................... 2-14 Table 2.2.2 Interrupt control register V2................................................................................... 2-14 Table 2.2.3 Interrupt control register I1 .................................................................................... 2-15 Table 2.2.4 Interrupt control register I2 .................................................................................... 2-15 Table 2.3.1 Interrupt control register V1................................................................................... 2-27 Table 2.3.2 Interrupt control register V2................................................................................... 2-27 Table 2.3.3 Timer control register W1 ...................................................................................... 2-28 Table 2.3.4 Timer control register W2 ...................................................................................... 2-28 Table 2.3.5 Timer control register W3 ...................................................................................... 2-29 Table 2.3.6 Timer control register W4 ...................................................................................... 2-29 Table 2.4.1 Serial I/O mode register J1 ................................................................................... 2-41 Table 2.4.2 Recommended operating conditions (serial I/O) ................................................. 2-48 List of tables |