| 전자부품 데이터시트 검색엔진 |
|
HD64F2144B 데이터시트(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2144B 데이터시트(HTML) 49 Page - Renesas Technology Corp |
|
49 / 546 page ![]() Section 1 Overview Rev. 1.00 Jun.24, 2005 Page 17 of 510 REJ09B0241-0100 Pin No. Type Symbol [H8S/2144B] FP-100B, TFP-100B [H8S/2134B] FP-80A, TFP- 80C I/O Name and Function IrTxD 49 39 O SCI with IrDA (SCI_2) IrRxD 50 40 I Input and output pins for data encoded for IrDA use. Keyboard buffer controller [H8S/2144B] KIN15 to KIN0 [H8S/2134B] KIN7 to KIN0 10, 11, 20, 21, 30, 31, 47, 48, 35 to 32, 29 to 26 28 to 21 I Input pins for a matrix keyboard. Normally, P10 to P17 and P20 to P27 are used for key scanning outputs. Up to 256-key matrix (16 × 16) in the H8S/2144B or up to 128-key matrix (16 × 8) can be configured. AN7 to AN0 45 to 38 37 to 30 I Analog input pins for the A/D converter. [H8S/2144B] CIN15 to CIN0 [H8S/2134B] CIN7 to CIN0 10, 11, 20, 21, 30, 31, 47, 48, 35 to 32, 29 to 26 28 to 21 I Extended A/D conversion input pins. Since these pins are also used as digital input/output pins, accuracy will fall. A/D converter ADTRG 25 20 I Pin for input of an external trigger to start A/D conversion. D/A converter DA0 DA1 44 45 36 37 O Analog output pins for the D/A converter. AVCC 37 29 I The analog power supply pin for the A/D converter and D/A converter. When neither the A/D nor D/A converters are used, this pin should be connected to the system power supply (+5 V). AVref 36 I The reference voltage pin for the A/D converter and D/A converter. Available only for the H8S/2144B. When neither the A/D nor D/A converters are used, this pin should be connected to the system power supply (+5 V). A/D converter D/A converter AVSS 46 38 I The ground pin for the A/D converter and D/A converter. This pin should be connected to the system power supply (0 V). |