전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA9103 데이터시트(PDF) 25 Page - STMicroelectronics

부품명 TDA9103
상세설명  DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9103 데이터시트(HTML) 25 Page - STMicroelectronics

Back Button TDA9103 Datasheet HTML 19Page - STMicroelectronics TDA9103 Datasheet HTML 20Page - STMicroelectronics TDA9103 Datasheet HTML 21Page - STMicroelectronics TDA9103 Datasheet HTML 22Page - STMicroelectronics TDA9103 Datasheet HTML 23Page - STMicroelectronics TDA9103 Datasheet HTML 24Page - STMicroelectronics TDA9103 Datasheet HTML 25Page - STMicroelectronics TDA9103 Datasheet HTML 26Page - STMicroelectronics TDA9103 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
A demonstration board has been developped by
SGS-THOMSON and is available through your
usual SGS-THOMSON office.
This board has been designed in order to give first
the possibility to evaluate the TDA9103 in STAND
ALONE, and then to be easily connected to an
existing monitor.
In stand alone evaluation, for exemple, flyback
simulator is implemented in order to be able to
close the 2nd PLL loop, potentiometers are also
present to easily adjust all functions.
Then for testing in a real application, the upper part
of the board can be detached and the remaining
part can be connected to real application.
In addition to this, the application board has been
volontary designed separating clearly all the
blocks. This led to quite large PCB but give much
more space for measuring anything on the board.
Figure 54
TDA9103
25/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27