전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M62258FP 데이터시트(PDF) 4 Page - Renesas Technology Corp

부품명 M62258FP
상세설명  General Purpose Battery Charger Control IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62258FP 데이터시트(HTML) 4 Page - Renesas Technology Corp

  M62258FP Datasheet HTML 1Page - Renesas Technology Corp M62258FP Datasheet HTML 2Page - Renesas Technology Corp M62258FP Datasheet HTML 3Page - Renesas Technology Corp M62258FP Datasheet HTML 4Page - Renesas Technology Corp M62258FP Datasheet HTML 5Page - Renesas Technology Corp M62258FP Datasheet HTML 6Page - Renesas Technology Corp M62258FP Datasheet HTML 7Page - Renesas Technology Corp M62258FP Datasheet HTML 8Page - Renesas Technology Corp M62258FP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
M62258FP
REJ03F0247-0200 Rev.2.00 Jun 16, 2008
Page 4 of 8
Digital Data Format
8-bit shift register
6
D7
Address decoder
Latch
MPX
Current
control
SW
Latch
MPX
Voltage
control
SW
Latch
MPX
Main
SW
Latch
MPX
AMP
select
Latch
MPX
Input
select
Latch
MPX
A/D
reference
select
3
MSB
First
LSB
Last
DI
CK
CS
D0
D1
D2
D3
D4
D5
D6
Data Timing Chart (Model)
MSB
LSB
DI
CK
CS
D0
D1
D2
D3
D4
D5
D6
D7
Data Settings
Address
Data
Control Function
D7
D6
D5
D4
D3
D2
D1
D0
Description
RESET
0
0
0
0
Main-SW is OFF, A/D reference voltage = 0.8 V
Voltage setting reference voltage = 4.0 V
Current setting reference voltage = 45 mV
Current control
0
0
0
1
See table 1
Voltage control
0
0
1
0
See table 2
Main SW
0
0
1
1
See table 3
Amp. select
0
1
0
0
See table 4
Input select
0
1
0
1
See table 5
A/D reference select
0
1
1
0
See table 6



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com