전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M62258FP 데이터시트(PDF) 5 Page - Renesas Technology Corp

부품명 M62258FP
상세설명  General Purpose Battery Charger Control IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62258FP 데이터시트(HTML) 5 Page - Renesas Technology Corp

  M62258FP Datasheet HTML 1Page - Renesas Technology Corp M62258FP Datasheet HTML 2Page - Renesas Technology Corp M62258FP Datasheet HTML 3Page - Renesas Technology Corp M62258FP Datasheet HTML 4Page - Renesas Technology Corp M62258FP Datasheet HTML 5Page - Renesas Technology Corp M62258FP Datasheet HTML 6Page - Renesas Technology Corp M62258FP Datasheet HTML 7Page - Renesas Technology Corp M62258FP Datasheet HTML 8Page - Renesas Technology Corp M62258FP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
M62258FP
REJ03F0247-0200 Rev.2.00 Jun 16, 2008
Page 5 of 8
Table 1 Current Control Data
D2
D1
D0
Current Control Input Voltage
Current Ratio
0
0
0
0 V
0
0
0
1
45 mV
1/8
0
1
0
80 mV
1/4
0
1
1
160 mV
1/2
1
0
0
240 mV
3/4
1
0
1
320 mV
1
1
1
0
Trickle
Note:
During trickle charge mode, use constant voltage mode and charge directly to the battery using external resistor.
45 mV selected at RESET.
Table 2 Voltage Control Data
D2
D1
D0
Voltage Control Input Voltage
Voltage Ratio
0
0
0
0 V
0
0
0
1
0.8 V
1
0
1
0
1.6 V
2
0
1
1
2.4 V
3
1
0
0
3.2 V
4
1
0
1
4.0 V
5
1
1
0
4.8 V
6
Note:
Output port of microcomputer can be used to control voltage and current setting.
4.0 V setting at RESET.
Table 3 Main SW Select
Table 4 Amp. Select
Table 5 Input Select
D0
SW1
D1
D0
State
D0
State
0
OFF
0
0
Select Amp.1 output
0
Select IN1
1
ON
0
1
Select Amp.2 input
1
Select IN2
Note: Main SW is off at RESET.
1
0
Select Amp.2 output
Note: IN1 selected at RESET.
Note: Amp.1 output is selected at RESET.
Table 6 A/D Reference Voltage Select
D2
D1
D0
State
0
0
0
Select 0 V
0
0
1
Select 0.8 V
0
1
0
Select 1.6 V
0
1
1
Select 2.4 V
1
0
0
Select 3.2 V
1
0
1
Select 4.0 V
1
1
0
Select 4.8 V
Note:
0.8 V is selected at RESET.



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com