전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M62258FP 데이터시트(PDF) 6 Page - Renesas Technology Corp

부품명 M62258FP
상세설명  General Purpose Battery Charger Control IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62258FP 데이터시트(HTML) 6 Page - Renesas Technology Corp

  M62258FP Datasheet HTML 1Page - Renesas Technology Corp M62258FP Datasheet HTML 2Page - Renesas Technology Corp M62258FP Datasheet HTML 3Page - Renesas Technology Corp M62258FP Datasheet HTML 4Page - Renesas Technology Corp M62258FP Datasheet HTML 5Page - Renesas Technology Corp M62258FP Datasheet HTML 6Page - Renesas Technology Corp M62258FP Datasheet HTML 7Page - Renesas Technology Corp M62258FP Datasheet HTML 8Page - Renesas Technology Corp M62258FP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
M62258FP
REJ03F0247-0200 Rev.2.00 Jun 16, 2008
Page 6 of 8
Function Block Description
(1) A/D converter input
+
+
Voltage regulator
reference voltage
4.8 V
0.8 V
31
REF
*
Note: Connect few 1000 pF capacitor
to stabilize the reference voltage
Select the desire reference voltage to be detected by serial data from the microcomputer.
The input voltage level of IN1 and IN2 will be magnified 4 times using selected reference voltage as a center.
This magnified data will be return to the A/D input port of the microcomputer.
As result, accuracy of the A/D converter of the microcomputer will be increased by 2-bit.
(2) +5 V voltage regulator
IDD
VCC
VB
VDD
Q1
+5 V
Since it capable of driving external PNP Tr. base up to 20 mA, it can supply current of
IDD MAX = 20 mA
× Q1h
FE
Also, since this is low I/O type power source, it can be operate
VCC – VDD = 0.1 V



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com