전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS8422-CNZR 데이터시트(PDF) 72 Page - Cirrus Logic

부품명 CS8422-CNZR
상세설명  24-bit, 192 kHz, Asynchronous Sample Rate Converter with
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422-CNZR 데이터시트(HTML) 72 Page - Cirrus Logic

Back Button CS8422-CNZR Datasheet HTML 68Page - Cirrus Logic CS8422-CNZR Datasheet HTML 69Page - Cirrus Logic CS8422-CNZR Datasheet HTML 70Page - Cirrus Logic CS8422-CNZR Datasheet HTML 71Page - Cirrus Logic CS8422-CNZR Datasheet HTML 72Page - Cirrus Logic CS8422-CNZR Datasheet HTML 73Page - Cirrus Logic CS8422-CNZR Datasheet HTML 74Page - Cirrus Logic CS8422-CNZR Datasheet HTML 75Page - Cirrus Logic CS8422-CNZR Datasheet HTML 76Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 82 page
background image
72
DS692PP1
CS8422
-2 00
+0
-1 90
-1 80
-1 70
-1 60
-1 50
-1 40
-1 30
-1 20
-1 10
-1 00
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
F
S
2. 5k
22 .5 k
5k
7.5k
10k
12.5k
15k
1 7. 5k
20k
Hz
-2 00
+0
-1 90
-1 80
-1 70
-1 60
-1 50
-1 40
-1 30
-1 20
-1 10
-1 00
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
F
S
2. 5k
22 .5 k
5k
7.5k
10k
12.5k
15k
1 7. 5k
20k
Hz
Figure 49. Wideband FFT –
-60dBFS 1kHz Tone, 96 kHz:48 kHz
Figure 50. IMD –
10 kHz and 11 kHz -7 dBFS, 96 kHz:48 kHz
-2 00
+0
-1 90
-1 80
-1 70
-1 60
-1 50
-1 40
-1 30
-1 20
-1 10
-1 00
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
F
S
2. 5k
22 .5 k
5k
7.5k
10k
12.5k
15k
1 7. 5k
20k
Hz
-2 00
+0
-1 90
-1 80
-1 70
-1 60
-1 50
-1 40
-1 30
-1 20
-1 10
-1 00
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
F
S
2k
22k
4k
6k
8k
10k
1 2k
14k
16k
18 k
20k
Hz
Figure 51. Wideband FFT –
-60 dBFS 1 kHz Tone, 192 kHz:48 kHz
Figure 52. IMD –
10 kHz and 11 kHz -7 dBFS, 48 kHz:44.1 kHz
-2 00
+0
-1 90
-1 80
-1 70
-1 60
-1 50
-1 40
-1 30
-1 20
-1 10
-1 00
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
F
S
2. 5k
22 .5 k
5k
7.5k
10k
12.5k
15k
1 7. 5k
20k
Hz
-2 00
+0
-1 90
-1 80
-1 70
-1 60
-1 50
-1 40
-1 30
-1 20
-1 10
-1 00
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
F
S
2. 5k
22 .5 k
5k
7.5k
10k
12.5k
15k
1 7. 5k
20k
Hz
Figure 53. IMD –
10 kHz and 11 kHz -7 dBFS, 44.1 kHz:48 kHz
Figure 54. Wideband FFT –
0 dBFS 20 kHz Tone, 44.1 kHz:48 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com