전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS8422-CNZR 데이터시트(PDF) 75 Page - Cirrus Logic

부품명 CS8422-CNZR
상세설명  24-bit, 192 kHz, Asynchronous Sample Rate Converter with
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422-CNZR 데이터시트(HTML) 75 Page - Cirrus Logic

Back Button CS8422-CNZR Datasheet HTML 71Page - Cirrus Logic CS8422-CNZR Datasheet HTML 72Page - Cirrus Logic CS8422-CNZR Datasheet HTML 73Page - Cirrus Logic CS8422-CNZR Datasheet HTML 74Page - Cirrus Logic CS8422-CNZR Datasheet HTML 75Page - Cirrus Logic CS8422-CNZR Datasheet HTML 76Page - Cirrus Logic CS8422-CNZR Datasheet HTML 77Page - Cirrus Logic CS8422-CNZR Datasheet HTML 78Page - Cirrus Logic CS8422-CNZR Datasheet HTML 79Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 82 page
background image
DS692PP1
75
CS8422
-2 0 0
+0
-1 9 0
-1 8 0
-1 7 0
-1 6 0
-1 5 0
-1 4 0
-1 3 0
-1 2 0
-1 1 0
-1 0 0
-9 0
-8 0
-7 0
-6 0
-5 0
-4 0
-3 0
-2 0
-1 0
d
B
F
S
40 k
18 0k
60 k
8 0k
1 0 0 k
1 2 0 k
14 0k
16 0k
Hz
-2 0 0
+0
-1 9 0
-1 8 0
-1 7 0
-1 6 0
-1 5 0
-1 4 0
-1 3 0
-1 2 0
-1 1 0
-1 0 0
-9 0
-8 0
-7 0
-6 0
-5 0
-4 0
-3 0
-2 0
-1 0
d
B
F
S
40 k
18 0k
60 k
8 0k
1 0 0 k
1 2 0 k
14 0k
16 0k
Hz
Figure 67. Dynamic Range vs. Output Sample Rate –
-60 dBFS 1 kHz Tone, Fsi = 96 kHz
Figure 68. Dynamic Range vs. Output Sample Rate –
-60 dBFS 1 kHz Tone, Fsi = 44.1 kHz
-1 4 0
+5
-1 3 5
-1 3 0
-1 2 5
-1 2 0
-1 1 5
-1 1 0
-1 0 5
-1 0 0
-9 5
-9 0
-8 5
-8 0
-7 5
-7 0
-6 5
-6 0
-5 5
-5 0
-4 5
-4 0
-3 5
-3 0
-2 5
-2 0
-1 5
-1 0
-5
+0
d
B
F
S
10 k
60 k
20 k
3 0k
40 k
5 0 k
Hz
TT
T
TT
T
-0 . 2
+0
-0 . 1 9
-0 . 1 8
-0 . 1 7
-0 . 1 6
-0 . 1 5
-0 . 1 4
-0 . 1 3
-0 . 1 2
-0 . 1 1
-0 . 1
-0 . 0 9
-0 . 0 8
-0 . 0 7
-0 . 0 6
-0 . 0 5
-0 . 0 4
-0 . 0 3
-0 . 0 2
-0 . 0 1
d
B
F
S
0
25 k
5 k
10 k
1 5k
2 0 k
Hz
Figure 69. Frequency Response – 0 dBFS Input
Figure 70. Passband Ripple – 192 kHz:48 kHz
192 kHz : 32 kHz
192 kHz : 48 kHz
192 kHz : 96 kHz
-2 0 0
+0
-1 9 0
-1 8 0
-1 7 0
-1 6 0
-1 5 0
-1 4 0
-1 3 0
-1 2 0
-1 1 0
-1 0 0
-9 0
-8 0
-7 0
-6 0
-5 0
-4 0
-3 0
-2 0
-1 0
d
B
F
S
40 k
18 0k
60 k
8 0 k
10 0k
12 0k
14 0k
16 0k
Hz
-1 4 0
+0
-1 3 5
-1 3 0
-1 2 5
-1 2 0
-1 1 5
-1 1 0
-1 0 5
-1 0 0
-9 5
-9 0
-8 5
-8 0
-7 5
-7 0
-6 5
-6 0
-5 5
-5 0
-4 5
-4 0
-3 5
-3 0
-2 5
-2 0
-1 5
-1 0
-5
d
B
F
S
-1 4 0
+0
-1 2 0
-1 0 0
-8 0
-6 0
-4 0
-2 0
dB F S
Figure 71. Dynamic Range vs. Output Sample Rate –
-60 dBFS 1 kHz Tone, Fsi = 48 kHz
Figure 72. Linearity Error –
0 to -140 dBFS Input, 200 Hz Tone, 48 kHz:48 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com