전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS8422-CNZR 데이터시트(PDF) 78 Page - Cirrus Logic

부품명 CS8422-CNZR
상세설명  24-bit, 192 kHz, Asynchronous Sample Rate Converter with
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422-CNZR 데이터시트(HTML) 78 Page - Cirrus Logic

Back Button CS8422-CNZR Datasheet HTML 74Page - Cirrus Logic CS8422-CNZR Datasheet HTML 75Page - Cirrus Logic CS8422-CNZR Datasheet HTML 76Page - Cirrus Logic CS8422-CNZR Datasheet HTML 77Page - Cirrus Logic CS8422-CNZR Datasheet HTML 78Page - Cirrus Logic CS8422-CNZR Datasheet HTML 79Page - Cirrus Logic CS8422-CNZR Datasheet HTML 80Page - Cirrus Logic CS8422-CNZR Datasheet HTML 81Page - Cirrus Logic CS8422-CNZR Datasheet HTML 82Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 78 / 82 page
background image
78
DS692PP1
CS8422
-1 8 0
-1 0 0
-1 7 5
-1 7 0
-1 6 5
-1 6 0
-1 5 5
-1 5 0
-1 4 5
-1 4 0
-1 3 5
-1 3 0
-1 2 5
-1 2 0
-1 1 5
-1 1 0
-1 0 5
d
B
F
S
0
20 k
2k
4k
6 k
8 k
1 0 k
1 2k
14k
1 6 k
1 8k
Hz
-1 8 0
-1 0 0
-1 7 5
-1 7 0
-1 6 5
-1 6 0
-1 5 5
-1 5 0
-1 4 5
-1 4 0
-1 3 5
-1 3 0
-1 2 5
-1 2 0
-1 1 5
-1 1 0
-1 0 5
d
B
F
S
0
20 k
2k
4k
6k
8k
10 k
1 2 k
1 4 k
1 6 k
1 8 k
Hz
Figure 85. THD+N vs. Input Frequency –
0 dBFS, 48 kHz:44.1 kHz
Figure 86. THD+N vs. Input Frequency –
0 dBFS, 48 kHz:96 kHz
-1 8 0
-1 0 0
-1 7 5
-1 7 0
-1 6 5
-1 6 0
-1 5 5
-1 5 0
-1 4 5
-1 4 0
-1 3 5
-1 3 0
-1 2 5
-1 2 0
-1 1 5
-1 1 0
-1 0 5
d
B
F
S
0
20 k
2k
4k
6k
8k
10 k
1 2 k
1 4 k
1 6 k
1 8 k
Hz
-1 8 0
-1 0 0
-1 7 5
-1 7 0
-1 6 5
-1 6 0
-1 5 5
-1 5 0
-1 4 5
-1 4 0
-1 3 5
-1 3 0
-1 2 5
-1 2 0
-1 1 5
-1 1 0
-1 0 5
d
B
F
S
0
20 k
2 k
4 k
6 k
8 k
1 0 k
1 2k
14 k
1 6k
18 k
Hz
Figure 87. THD+N vs. Input Frequency –
0 dBFS, 44.1 kHz:48 kHz
Figure 88. THD+N vs. Input Frequency –
0 dBFS, 96 kHz:48 kHz
-1 8 0
-1 0 0
-1 7 5
-1 7 0
-1 6 5
-1 6 0
-1 5 5
-1 5 0
-1 4 5
-1 4 0
-1 3 5
-1 3 0
-1 2 5
-1 2 0
-1 1 5
-1 1 0
-1 0 5
d
B
F
S
0
20 k
2k
4k
6k
8k
10 k
1 2 k
1 4 k
1 6 k
1 8 k
Hz
Figure 89. Total Power Supply Current vs. Differential
Mode Receiver Input Sample Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com