전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

9202 데이터시트(PDF) 41 Page - STMicroelectronics

부품명 9202
상세설명  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 데이터시트(HTML) 41 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 37Page - STMicroelectronics 9202 Datasheet HTML 38Page - STMicroelectronics 9202 Datasheet HTML 39Page - STMicroelectronics 9202 Datasheet HTML 40Page - STMicroelectronics 9202 Datasheet HTML 41Page - STMicroelectronics 9202 Datasheet HTML 42Page - STMicroelectronics 9202 Datasheet HTML 43Page - STMicroelectronics 9202 Datasheet HTML 44Page - STMicroelectronics 9202 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 175 page
background image
41/175
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
USART Interrupt
s
The USART Interrupt is generated by RI
(receive interrupt) OR TI (transmit interrupt).
s
When the USART Interrupt is generated, the
corresponding request flag must be cleared by
software. The interrupt service routine will have
to check the various USART registers to
determine the source and clear the
corresponding flag.
s
Both USART’s are identical, except for the
additional interrupt controls in the Bit 4 of the
additional interrupt control registers (A7H, B7H)
Figure 16. Interrupt System
AI06646
INT0
USART
Timer
0
I2C
INT1
DDC
Timer
1
USB
2nd
USART
Timer
2
High
Low
Interrupt
Sources
IE /
IP / IPA Priority
Global
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More