전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC1709-8 데이터시트(PDF) 8 Page - Linear Technology

부품명 LTC1709-8
상세설명  2-Phase, 5-Bit VID,Current Mode, High Efficiency,Synchronous Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC1709-8 데이터시트(HTML) 8 Page - Linear Technology

Back Button LTC1709-8_1 Datasheet HTML 4Page - Linear Technology LTC1709-8_1 Datasheet HTML 5Page - Linear Technology LTC1709-8_1 Datasheet HTML 6Page - Linear Technology LTC1709-8_1 Datasheet HTML 7Page - Linear Technology LTC1709-8_1 Datasheet HTML 8Page - Linear Technology LTC1709-8_1 Datasheet HTML 9Page - Linear Technology LTC1709-8_1 Datasheet HTML 10Page - Linear Technology LTC1709-8_1 Datasheet HTML 11Page - Linear Technology LTC1709-8_1 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
LTC1709-8/LTC1709-9
PI FU CTIO S
TG2, TG1 (Pins 24, 35): High Current Gate Drives for Top
N-Channel MOSFETS. These are the outputs of floating
drivers with a voltage swing equal to INTVCC superim-
posed on the switch node voltage SW.
SW2, SW1 (Pins 25, 34): Switch Node Connections to
Inductors. Voltage swing at these pins is from a Schottky
diode (external) voltage drop below ground to VIN.
BOOST2, BOOST1 (Pins 26, 33): Bootstrapped Supplies
to the Topside Floating Drivers. External capacitors are
connected between the BOOST and SW pins, and Schottky
diodes are connected between the BOOST and INTVCC
pins.
BG2, BG1 (Pins 27, 31): High Current Gate Drives for
Bottom N-Channel MOSFETS. Voltage swing at these pins
is from ground to INTVCC.
PGND (Pin 28): Driver Power Ground. Connect to sources
of bottom N-channel MOSFETS and the (–) terminals of
CIN.
INTVCC (Pin 29): Output of the Internal 5V Linear Low
Dropout Regulator and the EXTVCC Switch. The driver and
control circuits are powered from this voltage source.
Decouple to power ground with a 1
µF ceramic capacitor
placed directly adjacent to the IC and minimum of 4.7
µF
additional tantalum or other low ESR capacitor.
EXTVCC (Pin 30): External Power Input to an Internal
Switch. This switch closes and supplies INTVCC, bypass-
ing the internal low dropout regulator whenever EXTVCC is
higher than 4.7V. See EXTVCC Connection in the Applica-
tions Information section. Do not exceed 7V on this pin
and ensure VEXTVCC ≤ VIN.
VIN (Pin 32): Main Supply Pin. Should be closely de-
coupled to the IC’s signal ground pin.
PLLIN (Pin 6): External Synchronization Input to Phase
Detector. This pin is internally terminated to SGND with
50k
Ω. The phase-locked loop will force the rising top gate
signal of controller 1 to be synchronized with the rising
edge of the PLLIN signal.
NC (Pins 7, 36): Do not connect.
ITH (Pin 8): Error Amplifier Output and Switching Regula-
tor Compensation Point. Both current comparator’s thresh-
olds increase with this control voltage. The normal voltage
range of this pin is from 0V to 2.4V
SGND (Pin 9): Signal Ground. This pin is common to both
controllers. Route separately to the PGND pin.
VDIFFOUT (Pin 10): Output of a Differential Amplifier. This
pin provides true remote output voltage sensing. VDIFFOUT
normally drives an external resistive divider that sets the
output voltage.
VOS–, VOS+ (Pins 11, 12): Inputs to an Operational Ampli-
fier. Internal precision resistors capable of being elec-
tronically switched in or out can configure it as a differential
amplifier or an uncommitted op amp.
ATTENOUT (Pin 15): Voltage Feedback Signal Resistively
Divided According to the VID Programming Code.
ATTENIN (Pin 16): The Input to the VID Controlled Resis-
tive Divider.
VID0–VID4 (Pins 17,18, 19, 20, 21): VID Control Logic
Input Pins.
VBIAS (Pin 22): Supply Pin for the VID Control Circuit.
PGOOD (Pin 23): Open-Drain Logic Output. PGOOD is
pulled to ground when the voltage on the EAIN pin is not
within
±7.5% of its set point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com