전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC1709-8 데이터시트(PDF) 10 Page - Linear Technology

부품명 LTC1709-8
상세설명  2-Phase, 5-Bit VID,Current Mode, High Efficiency,Synchronous Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC1709-8 데이터시트(HTML) 10 Page - Linear Technology

Back Button LTC1709-8_1 Datasheet HTML 6Page - Linear Technology LTC1709-8_1 Datasheet HTML 7Page - Linear Technology LTC1709-8_1 Datasheet HTML 8Page - Linear Technology LTC1709-8_1 Datasheet HTML 9Page - Linear Technology LTC1709-8_1 Datasheet HTML 10Page - Linear Technology LTC1709-8_1 Datasheet HTML 11Page - Linear Technology LTC1709-8_1 Datasheet HTML 12Page - Linear Technology LTC1709-8_1 Datasheet HTML 13Page - Linear Technology LTC1709-8_1 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
LTC1709-8/LTC1709-9
OPERATIO
(Refer to Functional Diagram)
Main Control Loop
The LTC1709 uses a constant frequency, current mode
step-down architecture with inherent current sharing.
During normal operation, the top MOSFET is turned on
each cycle when the oscillator sets the RS latch, and
turned off when the main current comparator, I1, resets
the RS latch. The peak inductor current at which I1 resets
the RS latch is controlled by the voltage on the ITH pin,
which is the output of the error amplifier EA. The differen-
tial amplifier, A1, produces a signal equal to the differen-
tial voltage sensed across the output capacitor but
re-references it to the internal signal ground (SGND)
reference. The EAIN pin receives a portion of this voltage
feedback signal at the DIFFOUT as determined by VID
logic input pins (VID0 to VID4) and is compared to the
internal reference voltage by the EA. When the load
current increases, it causes a slight decrease in the EAIN
pin voltage relative to the 0.8V reference, which in turn
causes the ITH voltage to increase until the average
inductor current matches the new load current. After the
top MOSFET has turned off, the bottom MOSFET is turned
on for the rest of the period.
The top MOSFET drivers are biased from floating boot-
strap capacitor CB, which normally is recharged during
each off cycle through an external Schottky diode. When
VIN decreases to a voltage close to VOUT, however, the loop
may enter dropout and attempt to turn on the top MOSFET
continuously. A dropout detector detects this condition
and forces the top MOSFET to turn off for about 400ns
every 10th cycle to recharge the bootstrap capacitor, CB.
The main control loop is shut down by pulling Pin 1 (RUN/
SS) low. Releasing RUN/SS allows an internal 1.2
µA
current source to charge soft-start capacitor CSS. When
CSS reaches 1.5V, the main control loop is enabled with
the ITH voltage clamped at approximately 30% of its
maximum value. As CSS continues to charge, ITH is
gradually released allowing normal operation to resume.
When the RUN/SS pin is low, all LTC1709 functions are
shut down. If VOUT has not reached 70% of its nominal
value when CSS has charged to 4.1V, an overcurrent
latchoff can be invoked as described in the Applications
Information section.
Low Current Operation
The LTC1709 operates in a continuous, PWM control
mode. The resulting operation at low output currents
optimizes transient response at the expense of substantial
negative inductor current during the latter part of the
period. The level of ripple current is determined by the
inductor value, input voltage, output voltage and fre-
quency of operation.
Frequency Synchronization
The phase-locked loop allows the internal oscillator to be
synchronized to an external source via the PLLIN pin. The
output of the phase detector at the PLLFLTR pin is also the
DC frequency control input of the oscillator that operates
over a 140kHz to 310kHz range corresponding to a DC
voltage input from 0V to 2.4V. When locked, the PLL aligns
the turn on of the top MOSFET to the rising edge of the
synchronizing signal. When PLLIN is left open, the PLLFLTR
pin goes low, forcing the oscillator to minimum frequency.
Input capacitance ESR requirements and efficiency losses
are substantially reduced because the peak current drawn
from the input capacitor is effectively divided by two and
power loss is proportional to the RMS current squared. A
two stage, single output voltage implementation can
reduce input path power loss by 75% and radically reduce
the required RMS current rating of the input capacitor(s).
INTVCC/EXTVCC Power
Power for the top and bottom MOSFET drivers and most
of the IC circuitry is derived from INTVCC. When the
EXTVCC pin is left open, an internal 5V low dropout
regulator supplies INTVCC power. If the EXTVCC pin is
taken above 4.7V, the 5V regulator is turned off and an
internal switch is turned on connecting EXTVCC to INTVCC.
This allows the INTVCC power to be derived from a high
efficiency external source such as the output of the regu-
lator itself or a secondary winding, as described in the
Applications Information section. An external Schottky
diode can be used to minimize the voltage drop from
EXTVCC to INTVCC in applications requiring greater than
the specified INTVCC current. Voltages up to 7V can be
applied to EXTVCC for additional gate drive capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com