전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC1709-8 데이터시트(PDF) 1 Page - Linear Technology

부품명 LTC1709-8
상세설명  2-Phase, 5-Bit VID,Current Mode, High Efficiency,Synchronous Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC1709-8 데이터시트(HTML) 1 Page - Linear Technology

  LTC1709-8_1 Datasheet HTML 1Page - Linear Technology LTC1709-8_1 Datasheet HTML 2Page - Linear Technology LTC1709-8_1 Datasheet HTML 3Page - Linear Technology LTC1709-8_1 Datasheet HTML 4Page - Linear Technology LTC1709-8_1 Datasheet HTML 5Page - Linear Technology LTC1709-8_1 Datasheet HTML 6Page - Linear Technology LTC1709-8_1 Datasheet HTML 7Page - Linear Technology LTC1709-8_1 Datasheet HTML 8Page - Linear Technology LTC1709-8_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
LTC1709-8/LTC1709-9
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATION
, LTC and LT are registered trademarks of Linear Technology Corporation.
OPTI-LOOP is a trademark of Linear Technology Corporation.
The LTC
®1709-8/LTC1709-9 are 2-phase, VID program-
mable, synchronous step-down switching regulator con-
trollers that drive two all N-channel external power MOSFET
stages in a fixed frequency architecture. The 2-phase
controller drives its two output stages out of phase at
frequencies from 150kHz to 300kHz to minimize the RMS
ripple currents in both input and output capacitors. The 2-
phase technique effectively multiplies the fundamental
frequency by two, improving transient response while
operating each channel at an optimum frequency for
efficiency. Thermal design is also simplified.
An internal differential amplifier provides true remote
sensing of the regulated supply’s positive and negative
output terminals as required for high current applications.
The RUN/SS pin provides soft-start and optional timed,
short-circuit shutdown. Current foldback limits MOSFET
dissipation during short-circuit conditions when the
overcurrent latchoff is disabled. OPTI-LOOP compensa-
tion allows the transient response to be optimized for a
wide range of output capacitors and ESR values. The
LTC1709-8/LTC1709-9 implement two different VID
tables compliant with VRM8.4 and VRM9.0 respectively.
Figure 1. High Current 2-Phase Step-Down Converter
s
Workstations
s
Internet Servers
s
Large Memory Arrays
s
DC Power Distribution Systems
s
Single Controller Operates Two Output Stages
Antiphase Reducing Required Input Capacitance
and Power Supply Induced Noise
s
Two 5-Bit Desktop VID Codes:
LTC1709-8 For VRM8.4 (VOUT from 1.3V to 3.5V)
LTC1709-9 For VRM9.0 (VOUT from 1.1V to 1.85V)
s
Current Mode Control Ensures Best Current Sharing
s
True Remote Sensing Differential Amplifier
s
Power Good Output Indicator
s
OPTI-LOOP
TM Compensation Minimizes COUT
s
Programmable Fixed Frequency: 150kHz to 300kHz
s
±1% Output Voltage Accuracy
s
Wide VIN Range: 4V to 36V Operation
s
Adjustable Soft-Start Current Ramping
s
Internal Current Foldback and Short-Circuit Shutdown
s
Overvoltage Soft Latch Eliminates Nuisance Trips
s
Low Shutdown Current: 20
µA
s
Available in 36-Lead Narrow SSOP Package
17097 F01
TG1
BOOST1
SW1
BG1
PGND
SENSE1+
SENSE1
TG2
BOOST2
SW2
BG2
INTVCC
SENSE2+
SENSE2
VIN
RUN/SS
VDIFFOUT
ITH
ATTENIN
ATTENOUT
EAIN
VID0–VID4
VOS
VOS
+
LTC1709-8
SGND
PGOOD
0.1
µF
220pF
5 VID BITS
S
S
3.3k
10
µF
35V
×4
+
+
COUT
1000
µF
4V
×2
VOUT
1.3V TO 3.5V
40A
1
µH
0.002
0.002
VIN
5V TO 28V
1
µH
0.47
µF
0.47
µF
10
µF
2-Phase, 5-Bit VID,
Current Mode, High Efficiency,
Synchronous Step-Down Switching Regulators


유사한 부품 번호 - LTC1709-8_1

제조업체부품명데이터시트상세설명
logo
Linear Technology
LTC1709-8 LINER-LTC1709-8_15 Datasheet
271Kb / 28P
2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
More results

유사한 설명 - LTC1709-8_1

제조업체부품명데이터시트상세설명
logo
Linear Technology
LTC1709-8 LINER-LTC1709-8 Datasheet
296Kb / 28P
2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
LTC3716 LINER-LTC3716 Datasheet
438Kb / 28P
2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-7 LINER-LTC1709-7 Datasheet
319Kb / 28P
2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-85 LINER-LTC1709-85 Datasheet
317Kb / 28P
2-Phase, 5-Bit VID,Current Mode, High Efficiency,Synchronous Step-Down Switching Regulator
LTC3727 LINER-LTC3727_15 Datasheet
377Kb / 32P
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1709-8 LINER-LTC1709-8_15 Datasheet
271Kb / 28P
2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1709-9 LINER-LTC1709-9_15 Datasheet
271Kb / 28P
2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
LTC3716 LINER-LTC3716_15 Datasheet
448Kb / 28P
2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-7 LINER-LTC1709-7_15 Datasheet
329Kb / 28P
2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-85 LINER-LTC1709-85_15 Datasheet
323Kb / 28P
2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com