전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCI1221 데이터시트(PDF) 55 Page - Texas Instruments

부품명 PCI1221
상세설명  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 데이터시트(HTML) 55 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 51Page - Texas Instruments PCI1221 Datasheet HTML 52Page - Texas Instruments PCI1221 Datasheet HTML 53Page - Texas Instruments PCI1221 Datasheet HTML 54Page - Texas Instruments PCI1221 Datasheet HTML 55Page - Texas Instruments PCI1221 Datasheet HTML 56Page - Texas Instruments PCI1221 Datasheet HTML 57Page - Texas Instruments PCI1221 Datasheet HTML 58Page - Texas Instruments PCI1221 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
55
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
I/O limit registers 0, 1
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
I/O limit registers 0, 1
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
I/O limit registers 0, 1
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
I/O limit registers 0, 1
Type:
Read only, read/write
Offset:
30h, 38h
Default:
0000 0000h
Description: The I/O limit registers indicate the upper address of a PCI I/O address range. These registers
are used by the PCI1221 to determine when to forward an I/O transaction to the CardBus bus
and when to forward a CardBus cycle to PCI. The lower 16 bits of this register locate the top of
the I/O window within a 64K-byte page, and the upper 16 bits are a page register that locates
this 64K-byte page in 32-bit PCI I/O address space. Bits 15-2 are read/write and allow the I/O
limit address to be located anywhere in the 64K-byte page (indicated by bits 31-16 of the
appropriate I/O base) on doubleword boundaries.
Bits 31-16 are read only and always return 0s when read. The page is set in the I/O base
register. Bits 1-0 are read only and always return 0s, forcing I/O windows to be aligned on a
natural doubleword boundary. Write transactions to read-only bits have no effect. The
PCI1221 assumes that the lower two bits of the limit address are 1s.
NOTE:
The I/O base or the I/O limit register must be nonzero to enable an I/O transaction.
interrupt line register
Bit
7
6
5
4
3
2
1
0
Name
Interrupt line
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
1
1
1
1
1
1
1
1
Register:
Interrupt line
Type:
Read/write
Offset:
3Ch
Default:
FFh
Description: The interrupt line register is read/write and is used to communicate interrupt line routing
information. Each PCI1221 function has an interrupt line register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com