전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N5817 데이터시트(PDF) 4 Page - Motorola, Inc

부품명 1N5817
상세설명  SCHOTTKY BARRIER RECTIFIERS 1 AMPERE 20, 30 and 40 VOLTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1N5817 데이터시트(HTML) 4 Page - Motorola, Inc

  1N5817 Datasheet HTML 1Page - Motorola, Inc 1N5817 Datasheet HTML 2Page - Motorola, Inc 1N5817 Datasheet HTML 3Page - Motorola, Inc 1N5817 Datasheet HTML 4Page - Motorola, Inc 1N5817 Datasheet HTML 5Page - Motorola, Inc 1N5817 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1N5817 1N5818 1N5819
4
Rectifier Device Data
100
70
5.0
125
115
105
95
85
75
20
7.0
10
3.0
2.0
30
1.0
40
15
5.0
3.0
2.0
0.3
0.2
0.1
40
36
12
30
20
1.0
0.5
0.05
0.03
24
16
20
8.0
4.0
28
032
10
20
7.0
5.0
2.0
0.2
0.3
0.5
0.7
1.0
3.0
0.9
1.0
1.1
0.1
0.07
0.05
0.03
0.02
0.6
0.5
0.4
0.3
0.2
0.7
0.1
0.8
NOTE 3 — THERMAL CIRCUIT MODEL
(For heat conduction through the leads)
TA(A)
TA(K)
R
θS(A)
R
θL(A)
R
θJ(A)
R
θJ(K)
R
θL(K)
R
θS(K)
PD
TL(A)
TC(A)
TJ
TC(K)
TL(K)
vF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
Figure 7. Typical Forward Voltage
NUMBER OF CYCLES
Figure 8. Maximum Non–Repetitive Surge Current
VR, REVERSE VOLTAGE (VOLTS)
Figure 9. Typical Reverse Current
TC = 100°C
25
°C
1 Cycle
TL = 70°C
f = 60 Hz
Surge Applied at
Rated Load Conditions
1N5817
1N5818
1N5819
TJ = 125°C
100
°C
25
°C
Use of the above model permits junction to lead thermal resistance
for any mounting configuration to be found. For a given total lead
length, lowest values occur when one side of the rectifier is brought
as close as possible to the heatsink. Terms in the model signify:
TA = Ambient Temperature
TC = Case Temperature
TL = Lead Temperature
TJ = Junction Temperature
R
θS = Thermal Resistance, Heatsink to Ambient
R
θL = Thermal Resistance, Lead to Heatsink
R
θJ = Thermal Resistance, Junction to Case
PD = Power Dissipation
(Subscripts A and K refer to anode and cathode sides, respectively.)
Values for thermal resistance components are:
R
θL = 100°C/W/in typically and 120°C/W/in maximum
R
θJ = 36°C/W typically and 46°C/W maximum.
75
°C



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com