전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N5817 데이터시트(PDF) 5 Page - Motorola, Inc

부품명 1N5817
상세설명  SCHOTTKY BARRIER RECTIFIERS 1 AMPERE 20, 30 and 40 VOLTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1N5817 데이터시트(HTML) 5 Page - Motorola, Inc

  1N5817 Datasheet HTML 1Page - Motorola, Inc 1N5817 Datasheet HTML 2Page - Motorola, Inc 1N5817 Datasheet HTML 3Page - Motorola, Inc 1N5817 Datasheet HTML 4Page - Motorola, Inc 1N5817 Datasheet HTML 5Page - Motorola, Inc 1N5817 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1N5817 1N5818 1N5819
5
Rectifier Device Data
NOTE 4 — HIGH FREQUENCY OPERATION
Since current flow in a Schottky rectifier is the result of majority carri-
er conduction, it is not subject to junction diode forward and reverse re-
covery transients due to minority carrier injection and stored charge.
Satisfactory circuit analysis work may be performed by using a model
consisting of an ideal diode in parallel with a variable capacitance. (See
Figure 10.)
Rectification efficiency measurements show that operation will be
satisfactory up to several megahertz. For example, relative waveform
rectification efficiency is approximately 70 percent at 2.0 MHz, e.g., the
ratio of dc power to RMS power in the load is 0.28 at this frequency,
whereas perfect rectification would yield 0.406 for sine wave inputs.
However, in contrast to ordinary junction diodes, the loss in waveform
efficiency is not indicative of power loss: it is simply a result of reverse
current flow through the diode capacitance, which lowers the dc output
voltage.
10
20
0.8
70
200
100
50
30
20
10
6.0
4.0
2.0
1.0
0.6
8.0
0.4
40
VR, REVERSE VOLTAGE (VOLTS)
Figure 10. Typical Capacitance
TJ = 25°C
f = 1.0 MHz
1N5819
1N5818
1N5817



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com