전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N5817 데이터시트(PDF) 1 Page - Motorola, Inc

부품명 1N5817
상세설명  SCHOTTKY BARRIER RECTIFIERS 1 AMPERE 20, 30 and 40 VOLTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1N5817 데이터시트(HTML) 1 Page - Motorola, Inc

  1N5817 Datasheet HTML 1Page - Motorola, Inc 1N5817 Datasheet HTML 2Page - Motorola, Inc 1N5817 Datasheet HTML 3Page - Motorola, Inc 1N5817 Datasheet HTML 4Page - Motorola, Inc 1N5817 Datasheet HTML 5Page - Motorola, Inc 1N5817 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Rectifier Device Data
Axial Lead Rectifiers
. . . employing the Schottky Barrier principle in a large area metal–to–silicon
power diode. State–of–the–art geometry features chrome barrier metal,
epitaxial construction with oxide passivation and metal overlap contact. Ideally
suited for use as rectifiers in low–voltage, high–frequency inverters, free
wheeling diodes, and polarity protection diodes.
• Extremely Low vF
• Low Stored Charge, Majority Carrier Conduction
• Low Power Loss/High Efficiency
Mechanical Characteristics
• Case: Epoxy, Molded
• Weight: 0.4 gram (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal Leads are
Readily Solderable
• Lead and Mounting Surface Temperature for Soldering Purposes: 220°C
Max. for 10 Seconds, 1/16
″ from case
• Shipped in plastic bags, 1000 per bag.
• Available Tape and Reeled, 5000 per reel, by adding a “RL” suffix to the
part number
• Polarity: Cathode Indicated by Polarity Band
• Marking: 1N5817, 1N5818, 1N5819
MAXIMUM RATINGS
Rating
Symbol
1N5817
1N5818
1N5819
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
V
Non–Repetitive Peak Reverse Voltage
VRSM
24
36
48
V
RMS Reverse Voltage
VR(RMS)
14
21
28
V
Average Rectified Forward Current (2)
(VR(equiv) ≤ 0.2 VR(dc), TL = 90°C,
R
θJA = 80°C/W, P.C. Board Mounting, see Note 2, TA = 55°C)
IO
1.0
A
Ambient Temperature (Rated VR(dc), PF(AV) = 0, R
θJA = 80°C/W)
TA
85
80
75
°C
Non–Repetitive Peak Surge Current
(Surge applied at rated load conditions, half–wave, single phase 60 Hz,
TL = 70°C)
IFSM
25 (for one cycle)
A
Operating and Storage Junction Temperature Range (Reverse Voltage applied)
TJ, Tstg
–65 to +125
°C
Peak Operating Junction Temperature (Forward Current applied)
TJ(pk)
150
°C
THERMAL CHARACTERISTICS (2)
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
R
θJA
80
°C/W
ELECTRICAL CHARACTERISTICS (TL = 25°C unless otherwise noted) (2)
Characteristic
Symbol
1N5817
1N5818
1N5819
Unit
Maximum Instantaneous Forward Voltage (1)
(iF = 0.1 A)
(iF = 1.0 A)
(iF = 3.0 A)
vF
0.32
0.45
0.75
0.33
0.55
0.875
0.34
0.6
0.9
V
Maximum Instantaneous Reverse Current @ Rated dc Voltage (1)
(TL = 25°C)
(TL = 100°C)
IR
1.0
10
1.0
10
1.0
10
mA
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle = 2.0%.
(2) Lead Temperature reference is cathode lead 1/32
″ from case.
Preferred devices are Motorola recommended choices for future use and best overall value.
© Motorola, Inc. 1996
Order this document
by 1N5817/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1N5817
1N5818
1N5819
SCHOTTKY BARRIER
RECTIFIERS
1 AMPERE
20, 30 and 40 VOLTS
CASE 59–04
1N5817 and 1N5819 are
Motorola Preferred Devices
Rev 3


유사한 부품 번호 - 1N5817

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
1N5817 PANJIT-1N5817 Datasheet
98Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
1N5817 PHILIPS-1N5817 Datasheet
37Kb / 9P
Schottky barrier diodes
1996 May 03
logo
STMicroelectronics
1N5817 STMICROELECTRONICS-1N5817 Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
logo
Surge Components
1N5817 SURGE-1N5817 Datasheet
66Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere?
logo
Transys Electronics
1N5817 TRSYS-1N5817 Datasheet
143Kb / 2P
1AMPERE SCHOTTKY BARRIER RECTIFIER
More results

유사한 설명 - 1N5817

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
1N5820 MOTOROLA-1N5820 Datasheet
168Kb / 6P
SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40 VOLTS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817 Datasheet
98Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere)
1S2 PANJIT-1S2 Datasheet
45Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
SB120S PANJIT-SB120S Datasheet
46Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
1N5817 SURGE-1N5817 Datasheet
66Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere?
1N5820 SURGE-1N5820 Datasheet
76Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 40 Volts CURRENT - 3.0 Ampere???
logo
Fairchild Semiconductor
MBR2535CT FAIRCHILD-MBR2535CT Datasheet
35Kb / 3P
30 Ampere Schottky Barrier Rectifiers
MBR4035PT FAIRCHILD-MBR4035PT Datasheet
35Kb / 3P
40 Ampere Schottky Barrier Rectifiers
logo
Motorola, Inc
MBR330 MOTOROLA-MBR330 Datasheet
121Kb / 6P
SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40, 50, 60 VOLTS
logo
Yea Shin Technology Co....
MBR3020CT YEASHIN-MBR3020CT Datasheet
1Mb / 4P
30 AMPERE SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com