전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF8576CU 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 PCF8576CU
상세설명  Universal LCD driver for low multiplex rates
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576CU 데이터시트(HTML) 2 Page - NXP Semiconductors

  PCF8576CU Datasheet HTML 1Page - NXP Semiconductors PCF8576CU Datasheet HTML 2Page - NXP Semiconductors PCF8576CU Datasheet HTML 3Page - NXP Semiconductors PCF8576CU Datasheet HTML 4Page - NXP Semiconductors PCF8576CU Datasheet HTML 5Page - NXP Semiconductors PCF8576CU Datasheet HTML 6Page - NXP Semiconductors PCF8576CU Datasheet HTML 7Page - NXP Semiconductors PCF8576CU Datasheet HTML 8Page - NXP Semiconductors PCF8576CU Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
PCF8576C_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 9 July 2009
2 of 56
NXP Semiconductors
PCF8576C
Universal LCD driver for low multiplex rates
3.
Ordering information
[1]
Delivery form: chip on FFC.
[2]
Delivery form: chip in tray.
4.
Marking
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCF8576CH
LQFP64
plastic low profile quad flat package;
64 leads; body 10
× 10 × 1.4 mm
SOT314-2
PCF8576CT
VSO56
plastic very small outline package, 56 leads
SOT190-1
PCF8576CTT
HTSSOP56
plastic thermal enhanced thin shrink small outline package, 56 leads;
body width 6.1 mm; exposed die pad
SOT793-1
PCF8576CU/10 PCF8576CU/10 wire bond die; 56 bonding pads; 3.0
× 2.82 × 0.38 mm[1]
PCF8576CU/10
PCF8576CU
PCF8576CU
wire bond die; 56 bonding pads; 3.0
× 2.82 × 0.38 mm[2]
PCF8576CU
PCF8576CU/2
PCF8576CU/2
bare die; 56 bumps; 3.0
× 2.82 × 0.40 mm[2]
PCF8576CU/2
Table 2.
Marking codes
Type number
Marking code
PCF8576CH
PCF8576CH
PCF8576CT
PCF8576CT
PCF8576CTT
PCF8576CTT
PCF8576CU/10
PC8576C-1
PCF8576CU
PC8576C-1
PCF8576CU/2
PC8576C-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com