전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF8576CU 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 PCF8576CU
상세설명  Universal LCD driver for low multiplex rates
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576CU 데이터시트(HTML) 1 Page - NXP Semiconductors

  PCF8576CU Datasheet HTML 1Page - NXP Semiconductors PCF8576CU Datasheet HTML 2Page - NXP Semiconductors PCF8576CU Datasheet HTML 3Page - NXP Semiconductors PCF8576CU Datasheet HTML 4Page - NXP Semiconductors PCF8576CU Datasheet HTML 5Page - NXP Semiconductors PCF8576CU Datasheet HTML 6Page - NXP Semiconductors PCF8576CU Datasheet HTML 7Page - NXP Semiconductors PCF8576CU Datasheet HTML 8Page - NXP Semiconductors PCF8576CU Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
1.
General description
The PCF8576C is a peripheral device which interfaces to almost any Liquid Crystal
Display (LCD)1 with low multiplex rates. It generates the drive signals for any static or
multiplexed LCD containing up to four backplanes and up to 40 segments and can easily
be cascaded for larger LCD applications. The PCF8576C is compatible with most
microprocessors or microcontrollers and communicates via a two-line bidirectional
I2C-bus. Communication overheads are minimized by a display RAM with
auto-incremented addressing, by hardware subaddressing.
2.
Features
I Single-chip LCD controller and driver
I 40 segment drives:
N Up to twenty 7-segment numeric characters
N Up to ten 14-segment alphanumeric characters
N Any graphics of up to 160 elements
I Versatile blinking modes
I No external components required (even in multiple device applications)
I Selectable backplane drive configuration: static or 2, 3, 4 backplane multiplexing
I Selectable display bias configuration: static, 1⁄2 or 1⁄3
I Internal LCD bias generation with voltage-follower buffers
I 40 × 4-bit RAM for display data storage
I Auto-incremented display data loading across device subaddress boundaries
I Display memory bank switching in static and duplex drive modes
I Wide logic LCD supply range:
N From 2 V for low-threshold LCDs
N Up to 6 V for guest-host LCDs and high-threshold twisted nematic LCDs
I Low power consumption
I May be cascaded for large LCD applications (up to 2560 segments possible)
I Cascadable with 24-segment LCD driver PCF8566
I No external components
I Compatible with chip-on-glass technology
I Separate or combined LCD and logic supplies
I Optimized pinning for plane wiring in both and multiple PCF8576C applications
I Power-saving mode for extremely low power consumption in battery-operated and
telephone applications
PCF8576C
Universal LCD driver for low multiplex rates
Rev. 09 — 9 July 2009
Product data sheet
1.
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 19.


유사한 부품 번호 - PCF8576CU

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PCF8576CU PHILIPS-PCF8576CU Datasheet
264Kb / 44P
Universal LCD driver for low multiplex rates
1998 Jul 30
PCF8576CU-2-F2 NXP-PCF8576CU-2-F2 Datasheet
426Kb / 57P
Universal LCD driver for low multiplex rates
Rev. 10-22 July 2010
PCF8576CU-F1 NXP-PCF8576CU-F1 Datasheet
426Kb / 57P
Universal LCD driver for low multiplex rates
Rev. 10-22 July 2010
PCF8576CU/10 PHILIPS-PCF8576CU/10 Datasheet
264Kb / 44P
Universal LCD driver for low multiplex rates
1998 Jul 30
PCF8576CU/12 PHILIPS-PCF8576CU/12 Datasheet
264Kb / 44P
Universal LCD driver for low multiplex rates
1998 Jul 30
More results

유사한 설명 - PCF8576CU

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PCF8566 PHILIPS-PCF8566 Datasheet
243Kb / 40P
Universal LCD driver for low multiplex rates
1998 May 04
PCF8534A NXP-PCF8534A Datasheet
834Kb / 41P
Universal LCD driver for low multiplex rates
Rev.00.90-4 February 2008
PCF8562 NXP-PCF8562 Datasheet
183Kb / 36P
Universal LCD driver for low multiplex rates
Rev. 3-2 December 2008
PCF8576D NXP-PCF8576D Datasheet
267Kb / 52P
Universal LCD driver for low multiplex rates
Rev. 1-18 February 2011
PCA85133 NXP-PCA85133 Datasheet
221Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-23 October 2009
PCF8566 NXP-PCF8566 Datasheet
247Kb / 48P
Universal LCD driver for low multiplex rates
Rev. 07-25 February 2009
PCA8576C NXP-PCA8576C Datasheet
343Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-22 July 2010
PCF8532 NXP-PCF8532 Datasheet
221Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-10 February 2009
PCF85134 NXP-PCF85134 Datasheet
215Kb / 40P
Universal LCD driver for low multiplex rates
Rev. 01-17 December 2009
PCF8576DU NXP-PCF8576DU Datasheet
371Kb / 57P
Universal LCD driver for low multiplex rates
Rev. 14-10 June 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com