전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPF7302 데이터시트(PDF) 1 Page - Allegro MicroSystems

부품명 SPF7302
상세설명  Full Bridge DC Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLEGRO [Allegro MicroSystems]
홈페이지  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SPF7302 데이터시트(HTML) 1 Page - Allegro MicroSystems

  SPF7302 Datasheet HTML 1Page - Allegro MicroSystems SPF7302 Datasheet HTML 2Page - Allegro MicroSystems SPF7302 Datasheet HTML 3Page - Allegro MicroSystems SPF7302 Datasheet HTML 4Page - Allegro MicroSystems SPF7302 Datasheet HTML 5Page - Allegro MicroSystems SPF7302 Datasheet HTML 6Page - Allegro MicroSystems SPF7302 Datasheet HTML 7Page - Allegro MicroSystems SPF7302 Datasheet HTML 8Page - Allegro MicroSystems SPF7302 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SPF7302
Description
The SPF7302 is a fully protected, single chip full-bridge driver
IC for DC brush motor applications. The various protection
circuits integrated are: overvoltage protection (OVP);
overcurrent protection (OCP) with latch, which is adapted
to the DMOSFETs in each full bridge; undervoltage lockout
(UVLO); open load detection; and overcurrent limitation.
The package is a thermally enhanced 16-pin HSOP power
package with an exposed thermal pad on the bottom side of
the package.
Features and Benefits
▪ Supply voltage, VBB, 36 V maximum
▪ Maximum DC current 3 A continuous, 6 A pulsed (1 kHz,
duty cycle < 1%, pulse width < 10 μs)
▪ RDS(on) = 300 mΩ maximum, at TJ = 125ºC
▪ Operation modes: forward, reverse, brake (high- or low-
side freewheeling current circulation)
▪ Output disable pin (DI pin)
▪ Protections:
▫ Overvoltage protection (OVP), 36 V minimum
▫ Overcurrent protection (OCP), 3 A typical
▫ Overcurrent limitation (OCL), 6 A typical
▫ Externally adjustable delay timer to halt OCL
▫ Thermal shutdown protection (TSD), 151°C minimum
▫ Undervoltage lockout on VBB (UVLO), 4.2 V minimum
▫ Open load detection at startup
▪ Diagnosis output linked to OVP, OCP, TSD, UVLO, and
open load detection, at startup and in operation
Full Bridge DC Motor Driver
Functional Block Diagram
Package: 16 pin HSOP with exposed thermal pad
and tabs
Not to scale
Open Circuit
Detection
Diag
OUT1
VBB
VBB
VBB
OUT2
Open Circuit
Detection
Low-Side
Gate Driver
High-Side
Gate Driver
with OVP
Low-Side
Gate Driver
Low-Side
OCP
Low-Side
OCL
High-Side
OCP
High-Side
OCL
Pre-
Regulator
IN1
IN2
DI
Diagnostics
OVP
UVLO
TSD
IN1
IN2
DI
High-Side
Gate Driver
with OVP
Diag
Diag
VREF
Diag
Diag
Diag
Diag
Diag
CP
HS1
HS2
LS1
LS2
VBB
VBB
PGND
PGND
LGND
DLY
DIAG
28211


유사한 부품 번호 - SPF7302

제조업체부품명데이터시트상세설명
logo
Sanken electric
SPF7302 SANKEN-SPF7302 Datasheet
262Kb / 16P
Full Bridge DC Motor Driver
More results

유사한 설명 - SPF7302

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TB62300FG TOSHIBA-TB62300FG Datasheet
607Kb / 28P
Dual Full-Bridge Driver for DC Motor
TB6559FG TOSHIBA-TB6559FG Datasheet
229Kb / 19P
Full-Bridge DC Motor Driver IC
TB6568KQ TOSHIBA-TB6568KQ Datasheet
236Kb / 15P
Full-Bridge DC Motor Driver IC
TB6569FG TOSHIBA-TB6569FG Datasheet
287Kb / 18P
Full-Bridge DC Motor Driver IC
TB67H301FTG TOSHIBA-TB67H301FTG Datasheet
1Mb / 22P
Full-Bridge DC Motor Driver IC
TB67H303HG TOSHIBA-TB67H303HG Datasheet
977Kb / 23P
Full Bridge Driver IC for DC motor
TB6559FG TOSHIBA-TB6559FG_13 Datasheet
336Kb / 19P
Full-Bridge DC Motor Driver IC
TB6568KQ TOSHIBA-TB6568KQ_14 Datasheet
382Kb / 15P
Full-Bridge DC Motor Driver IC
TB6643KQ TOSHIBA-TB6643KQ Datasheet
247Kb / 15P
Full-Bridge DC Motor Driver IC
logo
Sanken electric
SPF7302 SANKEN-SPF7302 Datasheet
262Kb / 16P
Full Bridge DC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com