전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPF7302 데이터시트(PDF) 10 Page - Allegro MicroSystems

부품명 SPF7302
상세설명  Full Bridge DC Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLEGRO [Allegro MicroSystems]
홈페이지  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SPF7302 데이터시트(HTML) 10 Page - Allegro MicroSystems

Back Button SPF7302 Datasheet HTML 6Page - Allegro MicroSystems SPF7302 Datasheet HTML 7Page - Allegro MicroSystems SPF7302 Datasheet HTML 8Page - Allegro MicroSystems SPF7302 Datasheet HTML 9Page - Allegro MicroSystems SPF7302 Datasheet HTML 10Page - Allegro MicroSystems SPF7302 Datasheet HTML 11Page - Allegro MicroSystems SPF7302 Datasheet HTML 12Page - Allegro MicroSystems SPF7302 Datasheet HTML 13Page - Allegro MicroSystems SPF7302 Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Full Bridge DC Motor Driver
SPF7302
10
Figure 4. Open Load Detection
Figure 5. Delay to Open Load protection activation versus value of external
capacitor on the output pins
VBB
VUVLO_OFF
VUVLO_ON
≈ VBB – 2 V
DI
VOUT1
DIAG
VDI_H(threshold)
A
B
C
0.01
0.1
1
10
100
1000
0.001
0.01
0.1
1
Maximum
Typical
Capacitance of Filter Capacitor on VOUT1 (μF)
Open Load Detection Delay Time versus Output Filtering Capacitance
VBB = 14 V
Minimum
Figure 3. Behavior of Current Limitation and Overcurrent Protection
function
6 A (typ.) Overcurrent
3A (typ.) Current Limit
3 μs (typ.)
Protection Function Operation
Current Limitation and Overcurrent Protection
The overcurrent limit is adapted to each DMOSFET, and is acti-
vated when the drain current reaches 3 A typical. After that, it is
followed by a 3 μs typical off-time, and then it restarts automati-
cally.
Overcurrent protection is activated when the drain current reaches
6 A typical within 3 μs, as shown in figure 3. It shuts down the
IC in a latch mode. Setting the DI pin to logic low level resets the
internal logic circuit and releases the latch.
DIAG Pin and Open Load Detection Behavior
Open load detection does not operate until after the output volt-
age of OUT1 (VOUT1) reaches about VBB – 2 V. If an open load
is detected, the DIAG signal goes high. The process of open load
detection is shown in figure 4:
A. During this period, UVLO is activated and DIAG stays low.
B. If a filtering capacitor is used at the outputs, it causes a delay
of open load detection. (Refer to figure 5 for the relationship of
the delay versus the filtering capacitor value.)
C. The open load detection period starts functioning. Raising DI
input above VDI_H(threshold), that is, by activating the IC, clears
the DIAG signal. Therefore, the open load condition must be
checked before the time of that event.
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com