전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPF7302 데이터시트(PDF) 14 Page - Allegro MicroSystems

부품명 SPF7302
상세설명  Full Bridge DC Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLEGRO [Allegro MicroSystems]
홈페이지  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SPF7302 데이터시트(HTML) 14 Page - Allegro MicroSystems

Back Button SPF7302 Datasheet HTML 8Page - Allegro MicroSystems SPF7302 Datasheet HTML 9Page - Allegro MicroSystems SPF7302 Datasheet HTML 10Page - Allegro MicroSystems SPF7302 Datasheet HTML 11Page - Allegro MicroSystems SPF7302 Datasheet HTML 12Page - Allegro MicroSystems SPF7302 Datasheet HTML 13Page - Allegro MicroSystems SPF7302 Datasheet HTML 14Page - Allegro MicroSystems SPF7302 Datasheet HTML 15Page - Allegro MicroSystems SPF7302 Datasheet HTML 16Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Full Bridge DC Motor Driver
SPF7302
14
Package Outline Drawing, 16 Pin HSOP
Branding codes (exact appearance at manufacturer discretion):
1st line,
type: SPF7302
2nd line, lot:
YMDD
Where: Y is the last digit of the year of manufacture
M is the month (1 to 9, O, N, D)
DD is the date
Package: HSOP-16
Dimensions in millimeters
2
1
16
10.5 ±0.2
12.2 ±0.2
7.50 ±0.2
2 ±0.2
1 ±0.3
1.35 ±0.2
10.5 ±0.3
2.5 ±0.2
0.25 +0.15
–0.05
0.1
0
0.4 +0.15
–0.05
(3.05) (4.7)
1.27±0.25
Branding
Area
Exposed
thermal pad
Tab from exposed
thermal pad
XXXXXXXX
XXXXXXXX
View A
Enlargement View A
(8.89)
( 0.8)
A
Leadframe plating Pb-free. Device composition
complies with the RoHS directive.
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com