전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC2F35L 데이터시트(PDF) 25 Page - Megawin Technology Co., Ltd

부품명 MPC2F35L
상세설명  Low-speed USB micro-controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MEGAWIN [Megawin Technology Co., Ltd]
홈페이지  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC2F35L 데이터시트(HTML) 25 Page - Megawin Technology Co., Ltd

Back Button MPC2F35L Datasheet HTML 21Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 22Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 23Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 24Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 25Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 26Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 27Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 28Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 29Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
MEGAWIN
MPC2F35_USB Data Sheet
25
EPCON: Endpoint Control Register (Endpoint-Indexed)
Read/Write
Address: 21H
Default: 00XX_X0X0
System Reset or USB Reset
Bit
Number
Bit
Mnemonic
Function
7
RXSTL
Stall Receive Endpoint:
Set this bit to stall the receive endpoint.
6
TXSTL
Stall Transmit Endpoint:
Set this bit to stall the transmit endpoint.
5
-
Reserved:
Write zero to this bit.
4
-
Reserved:
Write zero to this bit.
3
-
Reserved:
Write “one” to this bit.
2
RXEPEN
Receive Endpoint Enable:
Set this bit to enable the receive endpoint. When disabled, the endpoint
does not respond to a valid OUT or SETUP token.
1
-
Reserved:
Write “one” to this bit.
0
TXEPEN
Transmit Endpoint Enable:
This bit is used to enable the transmit endpoint. When disabled, the
endpoint does not respond to a valid IN token.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46