전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PA02A 데이터시트(PDF) 2 Page - Cirrus Logic

부품명 PA02A
상세설명  Power Operational Amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA02A 데이터시트(HTML) 2 Page - Cirrus Logic

  PA02A Datasheet HTML 1Page - Cirrus Logic PA02A Datasheet HTML 2Page - Cirrus Logic PA02A Datasheet HTML 3Page - Cirrus Logic PA02A Datasheet HTML 4Page - Cirrus Logic PA02A Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA02 • PA02A
2
PA02U
absolutemaXimumratings
SUPPLY VOLTAGE, +V
S to –VS
38V
OUTPUT CURRENT, within SOA
5A
POWER DISSIPATION, internal1
48W
INPUT VOLTAGE, differential
±30V
INPUT VOLTAGE, common mode
–V
S+2V to +VS–2V
TEMPERATURE, pin solder - 10s
300°C
TEMPERATURE, junction1
150°C
TEMPERATURE RANGE, storage
–65 to +150°C
OPERATING TEMPERATURE RANGE, case
–55 to +125°C
The internal substrate contains beryllia (BeO). Do not break the seal. If accidentally broken, do not crush, machine, or
subject to temperatures in excess of 850°C to avoid generating toxic fumes.
caution
speciFications
PA02
PA02A
PARAMETER
TEST CONDITIONS 2, 6
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
T
C = 25°C
±5
±10
±1
±3
mV
OFFSET VOLTAGE, vs. temperature
Full temperature range
±10
±50
*
±25
µV/°C
OFFSET VOLTAGE, vs. supply
T
C = 25°C
±10
*
µV/V
OFFSET VOLTAGE, vs. power
T
C = 25°C
±6
*
µV/W
BIAS CURRENT, initial
T
C = 25°C
50
200
25
100
pA
BIAS CURRENT, vs. temperature
T
C = 85°C
200
*
pA/°C
BIAS CURRENT, vs. supply
T
C = 25°C
.01
*
pA/V
OFFSET CURRENT, initial
T
C = 25°C
25
100
15
50
pA
OFFSET CURRENT, vs. temperature
T
C = 85°C
100
*
pA/°C
INPUT IMPEDANCE, DC
T
C = 25°C
1000
*
GΩ
INPUT CAPACITANCE
T
C = 25°C
3
*
pF
COMMON MODE VOLT. RANGE5, Pos.
Full temperature range
+V
S –6
+V
S –3
*
*
V
COMMON MODE VOLT. RANGE5, Neg. Full temperature range
–V
S +6
–V
S +5
*
*
V
COMMON MODE REJECTION, DC
Full temperature range
70
100
*
*
dB
GAIN
OPEN LOOP GAIN at 10Hz
T
C = 25°C, 1kΩ load
103
*
dB
OPEN LOOP GAIN at 10Hz
Full temp. range, 10kΩ load
86
100
*
*
dB
GAIN BANDWIDTH PRODUCT at 1MHz T
C = 25°C, 10Ω load
4.5
*
MHz
POWER BANDWIDTH
T
C = 25°C, 10Ω load
350
*
kHz
PHASE MARGIN
Full temp. range, 10Ω load
30
*
°
OUTPUT
VOLTAGE SWING3
T
C = 25°C, IO = 5A, RCL = .08Ω
±V
S –4
±V
S –3
*
*
V
VOLTAGE SWING3
Full temp. range, I
O = 2A
±V
S –2
±V
S –1.2
*
*
V
CURRENT, peak
T
C = 25°C
5
*
A
SETTLING TIME to .1%
T
C = 25°C, 2V step
.6
*
µs
SLEW RATE
T
C = 25°C
13
20
*
*
V/µs
CAPACITIVE LOAD
Full temp. range, A
V > 10
SOA
*
HARMONIC DISTORTION
P
O = .5W, F = 1kHz, RL = 10Ω
.004
*
%
SMALL SIGNAL rise/fall time
R
L = 10Ω, AV = 1
100
*
ns
SMALL SIGNAL overshoot
R
L = 10Ω, AV = 1
10
*
%
POWER SUPPLY
VOLTAGE
Full temperature range
±7
±15
±19
*
*
*
V
CURRENT, quiescent
T
C = 25°C
27
40
*
*
mA
THERMAL
RESISTANCE, AC junction to case4
F > 60Hz
1.9
2.1
*
*
°C/W
RESISTANCE, DC junction to case
F < 60Hz
2.4
2.6
*
*
°C/W
RESISTANCE, junction to air
30
*
°C/W
TEMPERATURE RANGE, case
Meets full range specifications
–25
+85
–55
+125
°C
NOTES: *
The specification of PA02A is identical to the specification for PA02 in applicable column to the left.
1. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation to
achieve high MTTF.
2. The power supply voltage for all specifications is the TYP rating unless otherwise noted as a test condition.
3. +V
S and –VS denote the positive and negative supply rail respectively. Total VS is measured from +VS to –VS.
4. Rating applies if the output current alternates between both output transistors at a rate faster than 60Hz.
5. Exceeding CMV range can cause the output to latch.
6. Full temperature specifications are guaranteed but not 100% tested.
7. The absolute maximum negative input voltage is equal to the negative power supply voltage plus 1V (-Vs + 1V).



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com