전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PA02A 데이터시트(PDF) 4 Page - Cirrus Logic

부품명 PA02A
상세설명  Power Operational Amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA02A 데이터시트(HTML) 4 Page - Cirrus Logic

  PA02A Datasheet HTML 1Page - Cirrus Logic PA02A Datasheet HTML 2Page - Cirrus Logic PA02A Datasheet HTML 3Page - Cirrus Logic PA02A Datasheet HTML 4Page - Cirrus Logic PA02A Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA02 • PA02A
4
PA02U
general
Please read Application Note 1 "General Operating Considerations" which cov-
ers stability, supplies, heat sinking, mounting, current limit, SOA interpretation, and
specification interpretation. Visit www.Cirrus.com for design tools that help automate
tasks such as calculations for stability, internal power dissipation, current limit; heat
sink selection; Apex Precision Power’s complete Application Notes library; Technical
Seminar Workbook; and Evaluation Kits.
saFeoperatingarea
The SOA curves combine the
effect of all limits for this Power
Op Amp. For a given application,
the direction and magnitude of
the output current should be cal-
culated or measured and checked
against the SOA curves. This is
simple for resistive loads but more
complex for reactive and EMF
generating loads. The following
guidelines may save extensive
analytical efforts:
1. Under transient conditions,
capacitive and dynamic* loads
up to the following maximums
are safe:
CAPACITIVE LOAD
INDUCTIVE LOAD
±V
S
I
LIM = 2A
I
LIM = 5A
I
LIM = 2A
I
LIM = 5A
18V
2mF
0.7mF
.2H
10mH
15V
10mF
2.2mF
.7H
25mH
10V
25mF
10mF
5H
50mH
* If the inductive load is driven near steady state conditions, allowing the output
voltage to drop more than 8V below the supply rail with I
LIM = 5A, or 17V below the
supply rail with I
LIM = 2A while the amplifier is current limiting, the inductor should
be capacitively coupled or the current limit must be lowered to meet SOA criteria.
2. The amplifier can handle any EMF generating or reactive load and short circuits
to the supply rails or shorts to common if the current limits are set as follows at
T
C = 85°C.
SHORT TO ±V
S
SHORT TO
±V
S
C, L OR EMF LOAD
COMMON
18V
.5A
1.7A
15V
.7A
2.8A
10V
1.6A
4.2A
These simplified limits may be exceeded with further analysis using the operating
conditions for a specific application.
currentlimit
Proper operation requires the use of two current limit resistors, connected as shown
in the external connection diagram.The minimum value for R
CL is 0.12 ohm, however for
optimum reliability it should be set as high as possible. Refer to the “General Operating
Considerations” section of the handbook for current limit adjust details.
deVicemounting
The case (mounting flange) is electrically isolated and should be mounted directly
to a heatsink with thermal compound. Screws with Belville spring washers are recom-
mended to maintain positive clamping pressure on heatsink mounting surfaces. Long
periods of thermal cycling can loosen mounting screws and increase thermal resistance.
Since the case is electrically isolated (floating) with respect to the internal circuits
it is recommended to connect it to common or other convenient AC ground potential.
2
3
5
7
10
15 20 25 30 40
0.2
0.3
0.5
0.7
1.0
1.5
2.0
3.0
4.0
5.0
SUPPLY TO OUTPUT DIFFERENTIAL VOLTAGE VS –VO (V)
THERMAL
T
C
= 125
°C
T
C
= 25°C
T
C
= 70
°C
T
C
= 100
°C
SOA
100
1K
3K
.1M
FREQUENCY, F (Hz)
.001
.1
1
HARMONIC DISTORTION
.003
.03
.3
300
10K 30K
.01
.3M
1
3
4
TIME, t (µS)
–15
5
15
PULSE RESPONSE
–10
0
10
2
5
–5
PULSE RESPONSE
–.2
–.1
0
.1
.2
.3
–.3
10K
FREQUENCY, F (Hz)
LOADING EFFECTS
–1.2
–.6
0
.1M
100
1K
–1.5
–.9
–.3
TIME, t (µS)
0
.5
1.0
1.5
0
GAIN = 1
LOAD = 10Ω
P O=
5W
P O
= 50mW
P O
= .5W
V
IN = ±.2V, tr = 50ns
V
IN = ±1V, tr = 100ns
LOAD = 10Ω
I
O = 150mA
I
O = 400mA



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com