전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PA02A 데이터시트(PDF) 3 Page - Cirrus Logic

부품명 PA02A
상세설명  Power Operational Amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA02A 데이터시트(HTML) 3 Page - Cirrus Logic

  PA02A Datasheet HTML 1Page - Cirrus Logic PA02A Datasheet HTML 2Page - Cirrus Logic PA02A Datasheet HTML 3Page - Cirrus Logic PA02A Datasheet HTML 4Page - Cirrus Logic PA02A Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA02 • PA02A
PA02U
3
0
25
50
75
100
125
TEMPERATURE, T (°C)
0
10
30
50
POWER DERATING
10
100
10K
.1M
FREQUENCY, F (Hz)
1
100
10M
FREQUENCY, F (Hz)
–20
0
60
120
SMALL SIGNAL RESPONSE
20
40
80
100
1
100
.1M
10M
–210
–150
–60
0
PHASE RESPONSE
–90
–30
.1M
.2M
.5M
1M
FREQUENCY, F (Hz)
6
1
3
4
7
OUTPUT CHANGE FROM ZERO, VOLTS
0
2
3
SETTLING TIME
.5
1.5
2.5
–25
125
CASE TEMPERATURE, T
C (°C)
1.0
1.1
1.6
QUIESCENT CURRENT
1.2
1.5
0
OUTPUT CURRENT, I
O (A)
OUTPUT VOLTAGE SWING
–25
50
100
CASE TEMPERATURE, T
C (°C)
0
2.5
CURRENT LIMIT
2.0
2
5
6
1.0
INPUT NOISE
1K
10
15
20
1K
20
POWER RESPONSE
.3M
0
25
50
75
100
1.4
0
25
75
.5
1.0
10
1K 10K .1M 1M
150
40
10
10K
1M
FREQUENCY, F (Hz)
1.5
.7M
7.8
10
13
18
23
30
1
1.3
125
3.0
–180
–120
25
30
35
40
1
2
3
4
5
1.5
2.0
2.5
3.0
3.5
8
1mV
NO
LOAD
10mV
NO
LOAD
.5
.9
| +V
S | + | –VS | = 36V
| +V
S | + | –VS | = 30V
T=T
C
T=T
A
T
C = 25° to 85°C
±V
O
R
CL = 0.3Ω
R
CL = 0.62Ω
10mV 10Ω
LOAD
10
FREQUENCY, F(Hz)
POWER SUPPLY REJECTION
100
1K
10K .1M
1M 10M
0
20
40
60
80
100
120
140
+V
S
–V
S
1
10K
FREQUENCY, F (Hz)
COMMON MODE REJECTION
40
80
120
.1M
10 100 1K
1M
20
60
100
10M
–15
105
.25
64
256
BIAS CURRENT
4
.06
5
45
65
85
16
1
CASE TEMPERATURE, T
C (°C)
25



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com